Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 8Page - Analog Devices LT7200SAVPBF Datasheet HTML 9Page - Analog Devices LT7200SAVPBF Datasheet HTML 10Page - Analog Devices LT7200SAVPBF Datasheet HTML 11Page - Analog Devices LT7200SAVPBF Datasheet HTML 12Page - Analog Devices LT7200SAVPBF Datasheet HTML 13Page - Analog Devices LT7200SAVPBF Datasheet HTML 14Page - Analog Devices LT7200SAVPBF Datasheet HTML 15Page - Analog Devices LT7200SAVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
12 of 35
Figure 22. Switiching Frequency vs VOUT
Figure 23. Switching Frequency vs RT
Figure 24. Switching Frequency vs Temperature
Figure 25. Load Regulation vs Load Current
Figure 26. Regulated FB Voltage vs Temperature
Figure 27. RUN Rising Threshold vs Temperature
RRT = 100kΩ
VOUT (V)
0
2
4
6
8
10
12
0.6
0.8
1.0
1.2
1.4
RT (kΩ)
20
60
100
140
180
220
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RRT = 100kΩ
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
VOUT = 1.2V
IOUT (A)
0
1
2
3
4
5
–0.10
–0.05
0
0.05
0.10
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
490
495
500
505
510
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1.190
1.195
1.200
1.205
1.210
1.215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com