Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 31 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 31 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 27Page - Analog Devices LT7200SAVPBF Datasheet HTML 28Page - Analog Devices LT7200SAVPBF Datasheet HTML 29Page - Analog Devices LT7200SAVPBF Datasheet HTML 30Page - Analog Devices LT7200SAVPBF Datasheet HTML 31Page - Analog Devices LT7200SAVPBF Datasheet HTML 32Page - Analog Devices LT7200SAVPBF Datasheet HTML 33Page - Analog Devices LT7200SAVPBF Datasheet HTML 34Page - Analog Devices LT7200SAVPBF Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
31 of 35
Figure 44. Quad 1.2V/5A, 1.8V/5A, 3.3V/5A, 5V/5A Buck Regulator with Coincident Tracking
VOUT1
5V/5A
VIN
5.5V
TO 18V
VOUT2
3.3V/5A
VOUT3
1.8V/5A
VOUT4
1.2V/5A
10µF
×4
X5R
0805
90.9kΩ
10kΩ
10pF
470pF
10kΩ
47µF
×2
X7S
1206
1.5µH
LT7200S
SW1
SVIN
PVIN1
PVIN2
PVIN3
PVIN4
RUN1
RUN2
RUN3
RUN4
FB1
TRACK1
ITH1
10pF
470pF
10kΩ
ITH2
10pF
470pF
10kΩ
ITH3
10pF
470pF
10kΩ
ITH4
56.2kΩ
10kΩ
47µF
×2
X7S
1206
1.2µH
SW2
FB2
TRACK2
26.1kΩ
10kΩ
47µF
×2
X7S
1206
1µH
SW3
FB3
TRACK3
14kΩ
10kΩ
10kΩ
10kΩ
56.2kΩ
26.1kΩ
14kΩ
10kΩ
47µF
×2
X7S
1206
0.6µH
SW4
FB4
TRACK4
4.7µF
MODE/SYNC
INTVCC
RT
100kΩ
fSW = 1MHz
0.1µF
TIME
VOUT1
VOUT3
VOUT4
VOUT2
PHMODE
GND
L: XEL5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com