Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 32 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 32 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 27Page - Analog Devices LT7200SAVPBF Datasheet HTML 28Page - Analog Devices LT7200SAVPBF Datasheet HTML 29Page - Analog Devices LT7200SAVPBF Datasheet HTML 30Page - Analog Devices LT7200SAVPBF Datasheet HTML 31Page - Analog Devices LT7200SAVPBF Datasheet HTML 32Page - Analog Devices LT7200SAVPBF Datasheet HTML 33Page - Analog Devices LT7200SAVPBF Datasheet HTML 34Page - Analog Devices LT7200SAVPBF Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
32 of 35
Figure 45. Quad 1.2V/5A, 1.8V/5A, 3.3V/5A, 5V/5A Sequenced Buck Regulator with 8V Input UVLO
(VOUT2/3/4 Enabled by PGOOD1/2/3)
VOUT1
1.2V/5A
VOUT2
1.8V/5A
VOUT3
3.3V/5A
VOUT4
5V/5A
VIN
8V TO 18V
10kΩ
40.2kΩ
226kΩ
10kΩ
10kΩ
10kΩ
10µF
×4
X5R
0805
4.7µF
14kΩ
10kΩ
47µF
×2
X7S
1206
MODE/SYNC
INTVCC
RT
100kΩ
0.6µH
LT7200S
SW1
SVIN
PVIN1
PVIN2
PVIN3
PVIN4
FB1
TRACK1
0.1µF
26.1kΩ
10kΩ
47µF
×2
X7S
1206
1µH
SW2
FB2
TRACK2
0.1µF
56.2kΩ
10kΩ
47µF
×2
X7S
1206
1.2µH
SW3
FB3
TRACK3
0.1µF
90.9kΩ
10kΩ
47µF
×2
X7S
1206
1.5µH
SW4
FB4
TRACK4
0.1µF
fSW = 1MHz
PHMODE
GND
RUN1
RUN2
RUN3
RUN4
ITH1
ITH2
ITH3
ITH4
PGOOD1
PGOOD2
PGOOD3
PGOOD4
L: XEL5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com