Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 11Page - Analog Devices LT7200SAVPBF Datasheet HTML 12Page - Analog Devices LT7200SAVPBF Datasheet HTML 13Page - Analog Devices LT7200SAVPBF Datasheet HTML 14Page - Analog Devices LT7200SAVPBF Datasheet HTML 15Page - Analog Devices LT7200SAVPBF Datasheet HTML 16Page - Analog Devices LT7200SAVPBF Datasheet HTML 17Page - Analog Devices LT7200SAVPBF Datasheet HTML 18Page - Analog Devices LT7200SAVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
15 of 35
THEORY OF OPERATION
Main Control Loop
The LT7200S is a quad-channel, current-mode monolithic step-down regulator capable of providing ±5A of output
current from each channel. In normal operation, the internal top power MOSFET is turned on for a fixed interval
determined by a one-shot timer (“ON” signal in Block Diagram). When the top power MOSFET turns off, the bottom
power MOSFET turns on until the current comparator, ICMP, trips, restarting the one-shot timer and initiating the next
cycle. Inductor current is determined by sensing the voltage drop across SW and GND nodes of the bottom power
MOSFET when it is on. The voltage on the ITH pin sets the comparator threshold corresponding to the inductor valley
current. The error amplifier, EA, adjusts this ITH voltage by comparing the feedback signal, VFB, with an internal 0.5V
reference. If the load current increases, it causes a drop in the feedback voltage relative to the internal reference, the
ITH voltage then rises until the average inductor current matches that of the load current.
At light load currents, the inductor current can drop to zero and become negative. In Discontinuous Mode (DCM)
operation, this is detected by the current reversal comparator, IREV, which then shuts off the bottom power MOSFET.
Both power MOSFETs remain off with the output capacitor supplying the load current until the ITH voltage rises
above zero current level to initiate the next cycle. If continuous mode of operation is desired, simply float the
MODE/SYNC pin or tie it to INTVCC.
The operating frequency is determined by the value of the RRT resistor, which programs the current for the internal
oscillator. An internal phase-lock loop servos the switching regulator on-time to track the internal oscillator and force
a constant switching frequency. A clock signal can be applied to the MODE/SYNC pin to synchronize the switching
frequency to an external clock. The regulator defaults to force continuous operation once the clock signal is present.
The “S” in LTC7200S refers to the second generation Silent Switcher technology. The IC has integrated ceramic
capacitors for VIN, INTVCC, and BOOST to keep all the fast AC current loops small, thus improving the EMI
performance. Furthermore, it allows for faster switching edges, which greatly improves efficiency at high switching
frequencies.
“Power Good” Status Output
PGOOD open-drain output is pulled low if the regulator output feedback voltage, VFB, exits a ±7.5% window around
the regulation point while the overvoltage (OV) or undervoltage (UV) comparator is tripped. This condition is released
once regulation within a ±5.5% window is achieved.
Continuous operation is forced during OV and UV conditions, except during start-up when the TRACK pin is ramping
up to 0.5V.
V
IN Overvoltage Protection
To protect the internal power MOSFET devices against transient voltage spikes, the LT7200S constantly monitors the
PVIN pin for an overvoltage condition. When the PVIN rises above 20V, the regulator suspends operation by shutting
off both power MOSFETs. Once PVIN drops below 18V, the regulator immediately resumes normal operation. During
an overvoltage event, the internal soft-start voltage is clamped to a voltage slightly higher than the feedback voltage.
Thus, the soft-start feature is present upon exiting an overvoltage condition.
Overcurrent and Short-Circuit Protection
The LT7200S protects itself against output overcurrent and short-circuits by sensing the inductor valley current.
When the current limit is reached, the output begins to fall, decreasing on-time of the top power MOSFET. If the short
is prolonged enough for the on-time to reach its minimum, the off-time lengthens, lowering the switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com