Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 16Page - Analog Devices LT7200SAVPBF Datasheet HTML 17Page - Analog Devices LT7200SAVPBF Datasheet HTML 18Page - Analog Devices LT7200SAVPBF Datasheet HTML 19Page - Analog Devices LT7200SAVPBF Datasheet HTML 20Page - Analog Devices LT7200SAVPBF Datasheet HTML 21Page - Analog Devices LT7200SAVPBF Datasheet HTML 22Page - Analog Devices LT7200SAVPBF Datasheet HTML 23Page - Analog Devices LT7200SAVPBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
20 of 35
INTV
CC Regulator Bypass Capacitor
An internal low dropout (LDO) regulator produces the 5V supply that powers the drivers and internal bias circuitry.
The INTVCC must be bypassed to ground with a minimum of 4.7μF ceramic capacitor. The decoupling capacitor
should have low impedance electrical connections to the INTVCC and GND pins to provide the transient currents
required by the LT7200S. Good bypassing is necessary to supply the high transient currents required by the power
MOSFET gate drivers. Applications with high input voltage and high switching frequency experience an increase in
die temperature due to the higher power dissipation across the LDO. In such cases, if there is another 5V supply rail
available, consider using that to drive the SVIN pin to lower the power dissipation across the internal LDO.
Output Voltage Programming
Each regulator’s output voltage is set by an external resistive divider according to the following equation:
VOUT = 0.5V x (1 +
R2
R1
)
The desired output voltage is set by the appropriate selection of resistors R1 and R2, which allow the VFB pin to sense
a fraction of the output voltage, as shown in Figure 33. Choosing large values for R1 and R2 results in improved
zero/light load efficiency but may lead to undesirable noise coupling or phase margin reduction due to stray
capacitances at the VFB node. Take care to route the VFB trace away from any noise source, such as SW trace. A
feedforward compensation capacitor, CFF, can also be placed between VOUT and FB to improve transient performance.
Figure 33. Setting the Output Voltage
If the output voltage is outside the VON sense range (0.5V ~ 4V), the output voltage stays in regulation, but the
switching frequency may deviate from the programmed frequency.
Soft-Start and Output Voltage TRACK
An internal 5μA pulls up the TRACK pin to INTVCC. Putting an external capacitor, CSS, from TRACK to ground enables
soft starting the output to prevent current surge on the input supply. The relationship between output rise time, TSS,
and soft-start capacitance, CSS, is given by
TSS = 1e5 x CSS
Upon start-up time, the LT7200S operates in discontinuous mode until track voltage is higher than 0.5V. The
regulator then operates in forced continuous mode until output is above the UV threshold (VFB > 0.4625V). Once the
output reaches this voltage, the operating mode of the regulator switches to the mode selected by the MODE/SYNC
pin as described above.
The LT7200S allows to program its output voltage ramp rate through the TRACK pin. From 0V to 0.5V, the TRACK
voltage overrides the internal 0.5V reference input to the error amplifier, thus regulating the feedback voltage to that
R1
R2
CFF
VOUT
KELVIN GND
LT7200S
FB
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com