Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 15Page - Analog Devices LT7200SAVPBF Datasheet HTML 16Page - Analog Devices LT7200SAVPBF Datasheet HTML 17Page - Analog Devices LT7200SAVPBF Datasheet HTML 18Page - Analog Devices LT7200SAVPBF Datasheet HTML 19Page - Analog Devices LT7200SAVPBF Datasheet HTML 20Page - Analog Devices LT7200SAVPBF Datasheet HTML 21Page - Analog Devices LT7200SAVPBF Datasheet HTML 22Page - Analog Devices LT7200SAVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
19 of 35
Selecting the Output Capacitor (C
OUT)
The selection of COUT is determined by the effective series resistance (ESR) required to minimize voltage ripple and
load step transients, as well as the amount of bulk capacitance necessary to ensure the control loop is stable. Loop
stability can be checked by viewing the load transient response. The output ripple, ΔVOUT, is determined by:
∆VOUT < ∆IL(
1
8 x f x COUT
+ ESR)
The output ripple is highest at maximum input voltage since ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic, and ceramic capacitors are all available in surface mount
packages. Special polymer capacitors are very low ESR but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density, but it is important to only use types that are surge tested
for use in switching power supplies. Aluminum electrolytic capacitors have significantly higher ESR, but can be used
in cost-sensitive applications provided consideration is given to ripple current ratings and long-term reliability.
Ceramic capacitors have excellent low ESR characteristics and small footprints.
Since the ESR of a ceramic capacitor is so low, it is more useful to choose the output capacitor value to fulfill a charge
storage requirement. During a load step, the output capacitor must instantaneously supply the current to support
the load until the feedback loop raises the switch current enough to support the load. The time required for the
feedback loop to respond is dependent on the compensation and the output capacitor size. Typically, five cycles are
required to respond to a load step, but only in the first cycle does the output voltage drop linearly. The output droop,
VDROOP, is usually about three times the linear drop of the first cycle. Thus, a good place to start with the output
capacitor value is approximately
COUT = 3
∆IOUT
f0 x VDROOP
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple
current, high voltage rating, and low ESR make them ideal for switching regulator applications. However, due to the
self-resonant and high Q characteristics of some types of ceramic capacitors, take care when these capacitors are
used at the input and output. When a ceramic capacitor is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can induce ringing at the VIN input. At best, this ringing can
couple to the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN large enough to damage the part. For a more detailed discussion, refer to
Application Note 88.
When choosing the input and output ceramic capacitors, choose the X5R and X7R dielectric formulations. These
dielectrics have the best temperature and voltage characteristics of all the ceramics for a given value and size.
Choose X8R for 150°C applications.
More capacitance may be required depending on the duty cycle and load step requirements. In most applications,
the input capacitor is merely required to supply high frequency bypassing, since the impedance to the supply is very
low. A 47μF ceramic capacitor is usually enough for these conditions. Place this input capacitor as close to the PVIN
and GND pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com