Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 21Page - Analog Devices LT7200SAVPBF Datasheet HTML 22Page - Analog Devices LT7200SAVPBF Datasheet HTML 23Page - Analog Devices LT7200SAVPBF Datasheet HTML 24Page - Analog Devices LT7200SAVPBF Datasheet HTML 25Page - Analog Devices LT7200SAVPBF Datasheet HTML 26Page - Analog Devices LT7200SAVPBF Datasheet HTML 27Page - Analog Devices LT7200SAVPBF Datasheet HTML 28Page - Analog Devices LT7200SAVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
25 of 35
Other “hidden” losses such as transition loss, copper trace, and internal load resistances can account for
additional efficiency degradations in the overall power system. It is very important to include these “system” level
losses in the system design. Transition loss arises from the brief amount of time the top power MOSFET spends in
the saturated region during switch node transitions. The LT7200S internal power devices switch quickly enough
that these losses are not significant compared to other sources. Other losses including diode conduction losses
during dead-time and inductor core losses, which generally account for less than 2% total additional loss.
Thermal Conditions
In some applications where the LT7200S is operated at a combination of high ambient temperature, high switching
frequency, high VIN, and high output load, the required power dissipation might push the part to exceed its maximum
junction temperature.
To avoid the LT7200S from exceeding the maximum junction temperature, maximum current rating is derated
depending on the operating conditions. The temperature rise of the part varies depending on the thickness of copper
on the PCB board, the number of layers of the board, and the shape of copper trace. In general, a thick continuous
piece of copper on the top layer of the PCB for SW and GND pins greatly improves the thermal performance of the
part.
Figure 37 shows case temperature rise curve of the LT7200S on a standard 6-layer, 2oz copper per layer PCB board
(LT7200S standard demo board). VOUT is set to 1.2V in all curves.
Figure 37. Case Temperature Rise
Silent Switcher Architecture
The LT7200S has integrated capacitors that allow it to operate at high switching frequencies efficiently. The internal
VIN bypass capacitors allow the SW edges to transition extremely fast, effectively reducing transition loss. The
capacitors also greatly reduce SW overshoot during top FET turn-on, which improves the robustness of the device
over time.
Board Layout Considerations
When laying out the printed circuit board, use the following checklist to ensure proper operation of the LT7200S (see
Figure 38). Check the following in the layout:
1. Do the capacitors CIN connect to the PVIN and GND as close as possible? These capacitors provide the AC current to
the internal power MOSFETs and their drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com