Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 97Page - STMicroelectronics ST25R3916 Datasheet HTML 98Page - STMicroelectronics ST25R3916 Datasheet HTML 99Page - STMicroelectronics ST25R3916 Datasheet HTML 100Page - STMicroelectronics ST25R3916 Datasheet HTML 101Page - STMicroelectronics ST25R3916 Datasheet HTML 102Page - STMicroelectronics ST25R3916 Datasheet HTML 103Page - STMicroelectronics ST25R3916 Datasheet HTML 104Page - STMicroelectronics ST25R3916 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 157 page
background image
DS12484 Rev 4
101/157
ST25R3916/7
Application information
156
4.5.37
Passive target interrupt register
Register space: A
Address: 1Dh
Type: R
Table 65. Passive target interrupt register(1)
Bit
Name
Default
Function
Comments
7
I_ppon2
-
PPON2 field on waiting timer
interrupt
-
6
I_sl_wl
-
IRQ for passive target slot
number water level
Sent if four unused slot numbers (TSN) remain in
PT_memory.
5
I_apon
-
IRQ due to active P2P field on
event
Sent after RF collision avoidance, if there was no
collision and field was turned on.
4
I_rxe_pta
-
IRQ due to end of receive, the
device is handling the response
Sent in passive target mode when NFC-A
anti-collision or NFC-F SENSF_RES is
automatically sent (MCU action required).
3
I_wu_f
-
NFC 212/424kb/s passive target
‘Active’ interrupt
Sent after NFC 212/424 kb/s automatic response
to SENSF_REQ was sent.
2
RFU
-
RFU
-
1
I_wu_a*
-
Passive target Active* interrupt
Sent when Active* state is reached.
0
I_wu_a
-
Passive target Active interrupt
Sent when Active state is reached.
1. After register has been read, its content is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com