Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 98Page - STMicroelectronics ST25R3916 Datasheet HTML 99Page - STMicroelectronics ST25R3916 Datasheet HTML 100Page - STMicroelectronics ST25R3916 Datasheet HTML 101Page - STMicroelectronics ST25R3916 Datasheet HTML 102Page - STMicroelectronics ST25R3916 Datasheet HTML 103Page - STMicroelectronics ST25R3916 Datasheet HTML 104Page - STMicroelectronics ST25R3916 Datasheet HTML 105Page - STMicroelectronics ST25R3916 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 157 page
background image
Application information
ST25R3916/7
102/157
DS12484 Rev 4
4.5.38
FIFO status register 1
Register space: A
Address: 1Eh
Type: R
4.5.39
FIFO status register 2
Register space: A
Address: 1Fh
Type: R
Table 66. FIFO status register 1
Bit
Name
Default
Function
Comments
7
fifo_b7
-
Number of bytes in the FIFO
(LSB)
Valid range is from 0 to 512.
6
fifo_b6
-
5
fifo_b5
-
4
fifo_b4
-
3
fifo_b3
-
2
fifo_b2
-
1
fifo_b1
-
0
fifo_b0
-
Table 67. FIFO status register 2
Bit
Name
Default
Function
Comments
7
fifo_b9
-
Number of bytes in the FIFO
(MSB)
-
6
fifo_b8
-
-
5
fifo_unf
-
1: FIFO underflow
-
4
fifo_ovr
-
1: FIFO overflow
-
3fifo_lb2
-
Number of bits in the last FIFO
byte if it was not complete
The received bits are stored in the LSB part of
the last byte in the FIFO.
If I_err1 is set then fifo_lb<2:0> dos not contain
valid data.
2fifo_lb1
-
1fifo_lb0
-
0np_lb
-
1: Parity bit is missing in the last
byte
The bit is set if the last received byte is complete
with 8 data bits but he parity bit is missing.
If I_err1 is set then np_lb does not contain valid
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com