Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 99Page - STMicroelectronics ST25R3916 Datasheet HTML 100Page - STMicroelectronics ST25R3916 Datasheet HTML 101Page - STMicroelectronics ST25R3916 Datasheet HTML 102Page - STMicroelectronics ST25R3916 Datasheet HTML 103Page - STMicroelectronics ST25R3916 Datasheet HTML 104Page - STMicroelectronics ST25R3916 Datasheet HTML 105Page - STMicroelectronics ST25R3916 Datasheet HTML 106Page - STMicroelectronics ST25R3916 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
DS12484 Rev 4
103/157
ST25R3916/7
Application information
156
4.5.40
Collision display register
Register space: A
Address: 20h
Type: R
Table 68. Collision display register
Bit
Name
Default
Function
Comments
7
c_byte3
-
Number of full bytes before the
bit collision happened.
The Collision display register range covers
ISO14443A anticollision command. If collision (or
framing error interpreted as collision) happens in
a longer message, the Collision display register
is not set.
If I_err1 is set then c_byte<3:0> and c_bit<2:0>
do not contain valid data.
6
c_byte2
-
5
c_byte1
-
4
c_byte0
-
3c_bit2
-
Number of bits before the
collision in the byte where the
collision happened
2c_bit1
-
1c_bit0
-
0
c_pb
-
1: Collision in parity bit
0: no collision
This error is reported if the first detected collision
is in a parity bit.
If I_err1 is set then c_pb dos not contain valid
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com