Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 132Page - STMicroelectronics ST25R3916 Datasheet HTML 133Page - STMicroelectronics ST25R3916 Datasheet HTML 134Page - STMicroelectronics ST25R3916 Datasheet HTML 135Page - STMicroelectronics ST25R3916 Datasheet HTML 136Page - STMicroelectronics ST25R3916 Datasheet HTML 137Page - STMicroelectronics ST25R3916 Datasheet HTML 138Page - STMicroelectronics ST25R3916 Datasheet HTML 139Page - STMicroelectronics ST25R3916 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 157 page
background image
Electrical characteristics
ST25R3916/7
136/157
DS12484 Rev 4
5
Electrical characteristics
5.1
Absolute maximum ratings
Any stress beyond the limits listed in Table 118 may cause permanent damage to the
device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated
in Table 118 is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Table 118. Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD, VDD_TX(1)
1. Referenced to VSS.
Positive supply voltage
-0.3
6.0
V
VDD, VDD_TX(1)(2)
2. Bit sup3V set to 1 in IO configuration register 2.
Positive supply voltage when option bit sup3V is set
-0.3
5
∆VDD-VDD_TX(1) Difference between VDD and VDD_TX
-0.3
0.3
VDD_IO(1)
Peripheral communication supply voltage
-0.3
6
VGND(1)
Negative supply voltage
-0.3
0.3
VpIO(1)
Voltage for peripheral IO communication pins (27 to 32)(3)
3. Refer to Table 2 for the corresponding WLCSP balls.
-0.3
6
Vp5V(1)
Voltage for other pins (9, 11, 13, 14, 15 and 17)(3)
in the 5 V domain
-0.3
6
Vp3V(1)
Voltage for other pins (2 to 5, 7, 18, 19, 20 and 22 to 25)(3)
in the 3 V domain
-0.3
5
Iscr
Input current (latch-up immunity) according to JESD78
-100
100
mA
IVDD_LDO
Maximum driver current using internal voltage regulator
-
350(4)
4. Provide good thermal management to ensure that junction temperature remains below the specified value.
mA
IVDD_EXT(5)
5. VDD_RF is connected to VDD_TX to bypass the internal voltage regulator.
Peak current supplied from an external source, internal
voltage regulator bypassed
500(6)
6. Peak current with RF driver externally supplied. Provide good thermal management to ensure that junction
temperature remains below the specified value.
ESD voltage
Electrostatic discharge voltage according to JS-001,
human body model
-
2000
V
Pt
Total power dissipation (all supplies and outputs)
-
300
mW
Tstrg
Storage temperature
-65
150
°C
Tbody
Package body temperature according to IPC/JEDEC
J-STD-020(7)
7. Reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices”.
-
260
TJun
Junction temperature
-40
125
-
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com