Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 133Page - STMicroelectronics ST25R3916 Datasheet HTML 134Page - STMicroelectronics ST25R3916 Datasheet HTML 135Page - STMicroelectronics ST25R3916 Datasheet HTML 136Page - STMicroelectronics ST25R3916 Datasheet HTML 137Page - STMicroelectronics ST25R3916 Datasheet HTML 138Page - STMicroelectronics ST25R3916 Datasheet HTML 139Page - STMicroelectronics ST25R3916 Datasheet HTML 140Page - STMicroelectronics ST25R3916 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 157 page
background image
DS12484 Rev 4
137/157
ST25R3916/7
Electrical characteristics
156
5.2
Operating conditions
All defined tolerances for external components in this specification need to be ensured over
the whole operation conditions range and also over lifetime.
Table 119. Operating conditions
Symbol
Parameter
Min
Max
Unit
VDD, VDD_TX(1) (2)
1. Referenced to VSS.
2. If power supply is lower than 2.6 V, PSSR cannot be improved using internal regulators (minimum
regulated voltage is 2.4 V).
Positive supply voltage (pins 8 and 10),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
2.6
5.5
V
Positive supply voltage (pins 8 and 10),
Tamb = -20 to 105 °C
2.4
5.5
Positive supply voltage when option bit sup3V is set(3),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
3. Bit sup3V set to 1 in IO configuration register 2.
2.6
3.6
Positive supply voltage when option bit sup3V is set(3),
Tamb = -20 to 105 °C
2.4
3.6
∆VDD-VDD_TX(1)
Difference between VDD and VDD_TX
-0.2
0.2
V
VDD_IO(1)
Peripheral communication supply voltage (pin 1)(4)
4. Refer to Table 2 for the corresponding WLCSP balls.
1.65
5.5
VGND(1)
Negative supply voltage (pins 6, 12, 16 and 26)(4)
00
VpIO(1)
Voltage for peripheral IO communication pins
(27 to 32)(4)
05.5
Vp5V(1)
Voltage for other pins (9, 11, 13, 14, 15 and 17)(4)
in the 5 V domain
05.5
Vp3V(1)
Voltage for other pins (2 to 5, 7, 18 to 20 and 22 to 25)(4)
in the 3 V domain
03.6
T(amb, VFQFPN32)(5)
5. The device must be mounted on a PCB with sufficient heat dissipation.
Ambient temperature range for VFQFPN32 package
-40
105
°C
T(amb, WLCSP36) (5) Ambient temperature range for WLCSP36 package
-40
85
°C
VRFI_A
RFI input amplitude(6)
6. The minimum RFI input signal definition is meant for NFC active P2P reception and NFC passive target
reception. In HF reader mode and NFC transmit mode the recommended signal level is 2.5 VPP.
0.15
3
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com