Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 136Page - STMicroelectronics ST25R3916 Datasheet HTML 137Page - STMicroelectronics ST25R3916 Datasheet HTML 138Page - STMicroelectronics ST25R3916 Datasheet HTML 139Page - STMicroelectronics ST25R3916 Datasheet HTML 140Page - STMicroelectronics ST25R3916 Datasheet HTML 141Page - STMicroelectronics ST25R3916 Datasheet HTML 142Page - STMicroelectronics ST25R3916 Datasheet HTML 143Page - STMicroelectronics ST25R3916 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 157 page
background image
Electrical characteristics
ST25R3916/7
140/157
DS12484 Rev 4
11. fSUB = 848 kHz, AM channel with peak detector input stage selected.
12. Specified by design, not tested in production.
13. Manual regulator mode, VDD = 3.6 V, regulated voltage set to 3.0 V, measured on pin VDD_RF: register 00h set to 0Fh,
register 01h set to 80h (3 V supply mode), register 02h set to E8h (one channel RX, enable TX), 2Ch to D8h (3.0 V
regulator), other registers in default state.
Table 122. ST25R3916/7 electrical characteristics (VDD = 5.5 V) (1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IPD
Supply current in
Power-down mode
TJun = -40 to 25 °C (3)
-1
3
µA
TJun = 125 °C (3)
--
90
TJun = 85 °C
-
2.5
25
INFCT
Supply current in
initial NFC target mode
TJun = -40 to 25 °C (4)
-3.4
8
TJun = 125 °C (4)
-35
90
TJun = 85 °C
-
5
25
IWU
Supply current in Wake-up mode
(logic and RC oscillator)
TJun = -40 to 25 °C (5)
-3
8
TJun = 125 °C (5)
-15
90
TJun = 85 °C
5
25
ICS
Capacitive sensor supply current
(6)
-1.1
2.0
mA
IRD
Supply current in Ready mode
(7)
-5.6
7.5
mA
IAL
Supply current all active
(8)
-
15.0
23.0
IAL-AM
Supply current all active, AM
(9)
-
16.0
26.0
IAL1
Supply current all active
single RX channel
(10)
-
11.0
16.0
RRFO
RFO1 and RFO2 driver
output resistance
IRFO = 10 mA (11)
-1.7
4
Ω
RRFI
RFI input resistance
(11)(12)
-12
16
kΩ
VPOR
Power on reset voltage
-
1.00
1.45
2.00
V
VAGDC
AGDC voltage
(8)
1.40
1.50
1.60
VREG
Regulated voltage
(8) (11)
4.3
4.6
5.0
1. Minimum and maximum values tested in production at 25 °C, other temperature values evaluated by characterization.
2. 5.0 V supply mode with VDD = 5.5 V unless specified otherwise. Regulated voltages set to 5.1 V, 27.12 MHz Xtal connected
to XTO and XTI.
3. Registers 00h to 07h (no clock on MCU_CLK), 01h to 00h (5 V supply mode), other registers in default state.
4. Registers 00h to 07h (no clock on MCU_CLK), 01h to 00h (5 V supply mode), 02h to 03h (external field detector enable),
03h to E8h (enable NFC Target mode), other registers in default state.
5. Registers 00h to 07h (no clock on MCU_CLK), 01h to 00h (5 V supply mode), 02h to 04h (enable Wake-up mode), 32h to
08h (100 ms timeout, IRQ at every timeout), other registers in default state.
6. Registers 00h to 07h (no clock on MCU_CLK), 01h to 00h (5 V supply mode), Test register 02h to 0Eh (tdana<3:0>=0Eh;
CS analog test mode 14), other registers in default state.
7. Registers 00h to 07h (no clock on MCU_CLK), 01h to 40h (5 V supply mode, disable VDD_D), 02h to 80h (en = 1), 2Ch to
F8h (5.1 V regulator), other registers in default state, short VDD_A and VDD_D.
8. Registers 00h to 07h (no clock on MCU_CLK), 01h to 40h (5 V supply mode, disable VDD_D), 02h to C8h (enable RX,
enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to F8h (5.1 V regulator), other registers in default state, short
VDD_A and VDD_D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com