Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 146Page - STMicroelectronics ST25R3916 Datasheet HTML 147Page - STMicroelectronics ST25R3916 Datasheet HTML 148Page - STMicroelectronics ST25R3916 Datasheet HTML 149Page - STMicroelectronics ST25R3916 Datasheet HTML 150Page - STMicroelectronics ST25R3916 Datasheet HTML 151Page - STMicroelectronics ST25R3916 Datasheet HTML 152Page - STMicroelectronics ST25R3916 Datasheet HTML 153Page - STMicroelectronics ST25R3916 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 157 page
background image
Package information
ST25R3916/7
150/157
DS12484 Rev 4
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at www.st.com.
ECOPACK is an ST trademark.
6.1
VFQFPN32 package information
VFQFPN32 is a 32-pin, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead
package.
Figure 36. VFQFPN32 outline
1. Drawing is not to scale.
2. Coplanarity applies to the exposed pad as well as the terminal.
Table 134. VFQFPN32 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0
-
0.050
0
-
0.0020
A3
0.200
0.0079
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
ccc C
B04R_ME_V1
E2
D2
Pin #1 ID
Chamfer 0.35
32
1
8
L
b
e
24
16
S1
bbb M C A B
32x
E
Pin #1 ID
B
D
C
A
32x
eee C
Detail A
A
A1
BOTTOM VIEW
TOP VIEW
L
A3
0.05 Ref.
SLP1 PLATED AREA
Terminal length
Terminal thickness
Detail A
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com