Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 149Page - STMicroelectronics ST25R3916 Datasheet HTML 150Page - STMicroelectronics ST25R3916 Datasheet HTML 151Page - STMicroelectronics ST25R3916 Datasheet HTML 152Page - STMicroelectronics ST25R3916 Datasheet HTML 153Page - STMicroelectronics ST25R3916 Datasheet HTML 154Page - STMicroelectronics ST25R3916 Datasheet HTML 155Page - STMicroelectronics ST25R3916 Datasheet HTML 156Page - STMicroelectronics ST25R3916 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 154 / 157 page
background image
Ordering information
ST25R3916/7
154/157
DS12484 Rev 4
7
Ordering information
B
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not approved for use in production. ST is not responsible for
any consequences resulting from such use. In no event will ST be liable for the customer
using any of these engineering samples in production. ST’s Quality department must be
contacted prior to any decision to use these engineering samples to run a qualification
activity.
Example:
ST25 R 3916 -A QW T
Device type
ST25 = NFC/RFID tags and readers
Product type
R = NFC/HF reader
Product feature
3916 = High performance NFC universal device and EMVCo reader
3917 = High performance NFC Forum reader
Ambient temperature range
A = -40 °C to 105 °C
B = -40 °C to 85 °C
Package/Packaging
QW = 32-pin VFQFPN (5 x 5 mm) with wettable flanks
WL = WLCSP
Tape and reel
T = 4000 pcs/reel (VFQFPN), 5000 pcs/reel (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com