Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 148Page - STMicroelectronics ST25R3916 Datasheet HTML 149Page - STMicroelectronics ST25R3916 Datasheet HTML 150Page - STMicroelectronics ST25R3916 Datasheet HTML 151Page - STMicroelectronics ST25R3916 Datasheet HTML 152Page - STMicroelectronics ST25R3916 Datasheet HTML 153Page - STMicroelectronics ST25R3916 Datasheet HTML 154Page - STMicroelectronics ST25R3916 Datasheet HTML 155Page - STMicroelectronics ST25R3916 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 157 page
background image
Package information
ST25R3916/7
152/157
DS12484 Rev 4
6.2
WLCSP36 package information
WLCSP36 is a 36-ball, 3.213x3.203 mm, 0.5 mm pitch, wafer level chip scale package.
Figure 38. WLCSP36 outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 135. WLCSP36 mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.550
0.590
0.630
0.0217
0.0232
0.0248
A1
-
0.235
-
-
0.0093
-
A2
-
0.330
-
-
0.013
-
A3(2)
-
0.025
-
-
0.001
-
b
-
0.330
-
-
0.013
-
D
3.193
3.213
3.233
0.1257
0.1265
0.1273
E
3.183
3.203
3.223
0.1253
0.1261
0.1269
e
-
0.500
-
-
0.0197
-
e1
-
2.500
-
-
0.0984
-
F
-
0.347
-
-
0.0137
-
B078_WLCSP36_ME_V1
Y
Z
e1
e
e
e1
F
G
1
2
3
4
5
6
A
B
C
D
E
F
Orientation reference
BOTTOM VIEW
b
A1
A3
A2
A
DETAIL A
SIDE VIEW
X
aaa
(2X)
D
E
aaa
(2X)
TOP VIEW
Orientation reference
eee
b (36x)
Z
ccc
ddd
M
M
Z
Z XY
DETAIL A
A1
Seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com