Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 149Page - STMicroelectronics ST25R3916 Datasheet HTML 150Page - STMicroelectronics ST25R3916 Datasheet HTML 151Page - STMicroelectronics ST25R3916 Datasheet HTML 152Page - STMicroelectronics ST25R3916 Datasheet HTML 153Page - STMicroelectronics ST25R3916 Datasheet HTML 154Page - STMicroelectronics ST25R3916 Datasheet HTML 155Page - STMicroelectronics ST25R3916 Datasheet HTML 156Page - STMicroelectronics ST25R3916 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 157 page
background image
DS12484 Rev 4
155/157
ST25R3916/7
Revision history
156
8
Revision history
Table 136. Document revision history
Date
Revision
Changes
30-Jan-2019
1
Initial release.
05-Dec-2019
2
Introduced ST25R3917, hence added Figure 5: ST25R3917 QFN32
pinout (top view), Table 1: List of features and Table 3: ST25R3917 -
VFQFPN32 pin assignment.
Updated image on cover page, Figure 3: ST25R3916/7 block diagram,
Figure 6: ST25R3916 WLCSP36 (top view), Figure 17: SPI
communication: FIFO reading, Figure 26: Read and Write mode for
register space-B access and Figure 27: I2C master reads slave
immediately after the first byte.
Updated Features, Section 2: Description, Section 4.3.4: I2C interface,
Section 4.5.23: No-response timer register 2, Section 4.5.46: Antenna
tuning control register 1, Section 4.5.47: Antenna tuning control register
2, and Section 7: Ordering information.
Updated Table 11: SPI operation modes, Table 13: List of direct
commands, Table 18: List of registers - Space B, Table 24: Target
operation modes, Table 20: IO configuration register 2, Table 21:
Operation control register, Table 40: Receiver configuration register 1,
Table 68: Collision display register, Table 90: Regulator voltage control
register, Table 102: Undershoot protection configuration register 2,
Table 118: Absolute maximum ratings, Table 119: Operating conditions,
Table 120: Characteristics of CMOS I/Os, Table 121: ST25R3916/7
electrical characteristics (VDD = 3.3 V), Table 122: ST25R3916/7
electrical characteristics (VDD = 5.5 V), Table 123: ST25R3916/7
electrical characteristics (VDD = 2.4 V), Table 124: SPI characteristics (5
MHz), Table 125: SPI characteristics (5 MHz < 1 / TSCLK < 10 MHz),
Table 129: DC characteristics, Table 130: 100 kHz AC characteristics,
Table 132: 1 MHz AC characteristics, Table 133: 3.4 MHz AC
characteristics and Table 135: WLCSP36 mechanical data.
Added Section 4.1: Power-on sequence, Section 4.2: Operating modes
and its subsections, Section 4.3.1: Interrupt interface, Section 4.3.4: I2C
interface, Section 4.4.17: Test access and Section 6.2: WLCSP36
package information.
Added Figure 35: I2C AC measurements.
Removed former Table 114: Characteristics of CMOS I/Os (VDD = 2.4 to
5.5 V, characterized only), Table 116: SPI characteristics (VDD = 2.4 to
5.5 V, VDD_IO = 3.3 V), Table 127: 1 MHz AC characteristics (VDD = 2.4
to 5.5 V, VDD_IO = 1.65 V) and Table 129: 3.4 MHz AC characteristics
(VDD = 2.4 to 5.5 V, VDD_IO = 1.65 V).
Minor text edits across the whole document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com