Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 149Page - STMicroelectronics ST25R3916 Datasheet HTML 150Page - STMicroelectronics ST25R3916 Datasheet HTML 151Page - STMicroelectronics ST25R3916 Datasheet HTML 152Page - STMicroelectronics ST25R3916 Datasheet HTML 153Page - STMicroelectronics ST25R3916 Datasheet HTML 154Page - STMicroelectronics ST25R3916 Datasheet HTML 155Page - STMicroelectronics ST25R3916 Datasheet HTML 156Page - STMicroelectronics ST25R3916 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 156 / 157 page
background image
Revision history
ST25R3916/7
156/157
DS12484 Rev 4
04-Jun-2020
3
Updated Features, Section 2: Description, Section 2.2.13: RX decoding,
Section 2.2.14: FIFO and Section 7: Ordering information,
Updated Table 6: First and third zero setting, Table 27: ISO14443A and
NFC 106kb/s settings register, Table 33: Stream mode definition register,
Table 81: Passive target modulated and unmodulated state driver output
resistance, Table 85: Resistive AM modulated state driver output
resistance, Table 119: Operating conditions and Table 133: 3.4 MHz AC
characteristics.
Added footnote 2 to Table 36: Auxiliary definition register.
Added Figure 32: RPmin vs. VDD, fc = 3.4 MHz and Figure 33: Maximum
Rbus value vs. bus parasitic capacitance, fc = 3.4 MHz.
Minor text edits across the whole document.
06-Aug-2021
4
Updated Section 2: Description.
Updated Figure 1: Minimum system configuration - Single sided antenna
driving, Figure 2: Minimum system configuration - Differential antenna
driving, Figure 20: Writing a single register, Figure 21: Writing register
data with auto-incrementing address and Figure 22: Reading a single
byte from a register.
Updated Table 2: ST25R3916 - VFQFPN32 and WLCSP36 pin
assignment, Table 12: I2C interface and interrupt signal lines, Table 78:
RFO driver resistance, Table 118: Absolute maximum ratings, Table 119:
Operating conditions, footnote 1 of Table 120: Characteristics of CMOS
I/Os, footnote 13 of Table 121: ST25R3916/7 electrical characteristics
(VDD = 3.3 V), Table 122: ST25R3916/7 electrical characteristics (VDD =
5.5 V) and its footnote 8.
Added footnotes to tables 78, 81, 85, 121, 122 and 123.
Minor text edits across the whole document.
Table 136. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com