Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 247 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 244Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 245Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 246Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1302 page
background image
PowerQUICC III Implementation Details
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
5-33
the Book E reset definition, the EIS and the e500 define specific aspects of the MMU page
translation and protection mechanisms. Unlike the AIM version of the PowerPC core, as soon as
instruction fetching begins, the e500 core is in virtual mode with a hardware-initialized TLB entry.
5.13.6 Little-Endian Mode
Unlike the AIM version of the PowerPC architecture, where little-endian mode is controlled on a
system basis, Book E allows control of byte ordering on a memory page basis. In addition, the
little-endian mode used in Book E is true little endian.
5.14 PowerQUICC III Implementation Details
Table 5-8 summarizes e500 core functionality that is not implemented by PowerQUICC III
devices.
Table 5-8. Differences Between the e500 Core and the PowerQUICC III Core
Implementation
Feature
PowerQUICC Implementation
Cache protocol
The L2 cache does not support MESI cache protocol.
Multiprocessor
functionality
Because PowerQUICC III is designed for a uniprocessor environment, the following e500 functionality is not
implemented:
• The memory coherence bit, M, which is controlled through MAS2[M] and MAS4[MD] has no effect.
• HID1[ABE] has meaning only in that it must be set to ensure that cache and TLB management instructions
operate properly with respect to the L2 cache.
• Dynamic snooping does not occur in power-stopped state (see the note below in the entry for dynamic bus
snooping).
Nexus support
Nexus is not supported. The Nexus processor ID register (NPIDR) and the Nexus bus enable bit
(HID1[NEXEN]) are not supported.
R1 and R2 data
bus parity
R1 and R2 data bus parity are disabled on PowerQUICC III devices. HID1[R1DPE,R2DPE] are reserved.
Dynamic bus
snooping
The PowerQUICC III devices do not perform dynamic bus snooping as described here. That is, when the e500
core is in core-stopped state (which is the state of the core when the PowerQUICC III devices is in either the
nap or sleep state), the core is not awakened to perform snoops on global transactions. Therefore, before
entering nap or sleep modes, L1 caches should be flushed if coherency is required during these power-down
modes. For more information, see Section 18.5.1.9, “Snooping in Power-Down Modes.”
Supported
TCR[WRC]
PowerQUICC III devices define values for 01, 10, and 11, as follows:
00 No watchdog timer reset can occur.
01 Force processor checkstop on second timeout of watchdog timer
10 Assert processor reset output (core_hreset_req) on second timeout of watchdog timer
11 Reserved
SPE and SPFP
APUs
The SPE and SPFP APU functionality will not be implemented in next generation of PowerQUICC devices.
Freescale Semiconductor strongly recommends that use of these instructions be confined to libraries and
device drivers. Customer software that uses SPE or SPFP instructions at the assembly level or that uses SPE
or SPFP intrinsics will require rewriting for upward compatibility with next generation PowerQUICC devices.
Freescale Semiconductor offers a libmoto_e500 library that uses SPE and SPFP APU instructions. Freescale
Semiconductor will also provide future libraries to support next generation PowerQUICC devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com