Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
lxxxv
•
Chapter 13, “Local Bus Controller,” describes the local bus controller of the MPC8540.
The main component of the local bus controller (LBC) is its memory controller which
provides a seamless interface to many types of memory devices and peripherals. The
memory controller is responsible for controlling eight memory banks shared by a high
performance SDRAM machine, a general-purpose chip-select machine (GPCM), and up to
three user-programmable machines (UPMs). As such, it supports a minimal glue logic
interface to synchronous DRAM (SDRAM), SRAM, EPROM, flash EPROM, burstable
RAM, regular DRAM devices, extended data output DRAM devices, and other peripherals.
•
Chapter 14, “Three-Speed Ethernet Controllers,” describes the 2 three-speed Ethernet
controllers on the MPC8540. These controllers provide 10/100/1000 Mbps Ethernet
support with a complete set of media-independent interface options including GMII,
RGMII, TBI, and RTBI. Each controller provides very high throughput using a captive
DMA channel and direct connection to the MPC8540 memory coherency module.
•
Chapter 15, “DMA Controller,” describes the four-channel general-purpose DMA
controller of the MPC8540. The DMA controller transfers blocks of data, independent of
the e500 core or external hosts. Data movement occurs among RapidIO and the local
address space. The DMA controller has four high-speed channels. Both the e500 core and
external masters can initiate a DMA transfer. All channels are capable of complex data
movement and advanced transaction chaining.
•
Chapter 16, “PCI/PCI-X Bus Interface,” describes the PCI/PCI-X controller of the
MPC8540.
•
Chapter 17, “RapidIO Interface,” describes the RapidIO controller of the MPC8540.
Part IV, “Global Functions and Debug,” defines other global blocks of the MPC8540. The
following chapters are included:
•
Chapter 18, “Global Utilities,” defines the global utilities of the MPC8540. These include
power management, I/O device enabling, power-on-reset (POR) configuration monitoring,
general-purpose I/O signal use, and multiplexing for the interrupt and local bus chip select
signals
•
Chapter 19, “Performance Monitor,” describes the performance monitor of the MPC8540.
Note that the MPC8540 performance monitor is similar to but separate from the
performance monitor implemented on the e500 core.
•
Chapter 20, “Debug Features and Watchpoint Facility,” describes the debug features and
watchpoint monitor of the MPC8540.
•
Chapter 21, “10/100 Fast Ethernet Controller,” includes information about using the
dual-speed Ethernet controller of the MPC8540 for debug purposes.
•
Appendix A, “Revision History,” lists the major differences between revisions of the
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com