Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
xlvi
Freescale Semiconductor
Figures
Figure
Number
Title
Page
Number
7-19
L2 Error Interrupt Enable Register (L2ERRINTEN) ........................................................... 7-18
7-20
L2 Error Attributes Capture Register (L2ERRATTR) .......................................................... 7-19
7-21
L2 Error Address Capture Register (L2ERRADDR) ........................................................... 7-20
7-22
L2 Error Control Register (L2ERRCTL).............................................................................. 7-20
7-23
L2 Cache Line Replacement Algorithm ............................................................................... 7-28
8-1
e500 Coherency Module Block Diagram................................................................................ 8-1
8-2
ECM CCB Address Configuration Register (EEBACR)........................................................ 8-3
8-3
ECM CCB Port Configuration Register (EEBPCR)............................................................... 8-4
8-4
ECM Error Detect Register (EEDR)....................................................................................... 8-5
8-5
ECM Error Enable Register (EEER) ...................................................................................... 8-6
8-6
ECM Error Attributes Capture Register (EEATR) ................................................................. 8-7
8-7
ECM Error Address Capture Register (EEADR) ................................................................... 8-8
9-1
DDR Memory Controller Simplified Block Diagram............................................................. 9-2
9-2
Chip Select Bounds Registers (CSn_BNDS)........................................................................ 9-10
9-3
Chip Select Configuration Register (CSn_CONFIG) ........................................................... 9-10
9-4
DDR SDRAM Timing Configuration Register 1 (TIMING_CFG_1).................................. 9-11
9-5
DDR SDRAM Timing Configuration Register 2 (TIMING_CFG_2).................................. 9-13
9-6
DDR SDRAM Control Configuration Register (DDR_SDRAM_CFG) .............................. 9-14
9-7
DDR SDRAM Mode Configuration Register (DDR_SDRAM_MODE)............................. 9-16
9-8
DDR SDRAM Interval Configuration Register (DDR_SDRAM_INTERVAL) .................. 9-16
9-9
Memory Data Path Error Injection Mask High Register (DATA_ERR_INJECT_HI) ......... 9-17
9-10
Memory Data Path Error Injection Mask Low Register (DATA_ERR_INJECT_LO)......... 9-18
9-11
Memory Data Path Error Injection Mask ECC Register (ECC_ERR_INJECT) .................. 9-18
9-12
Memory Data Path Read Capture High Register (CAPTURE_DATA_HI).......................... 9-19
9-13
Memory Data Path Read Capture Low Register (CAPTURE_DATA_LO) ......................... 9-20
9-14
Memory Data Path Read Capture ECC Register (CAPTURE_ECC)................................... 9-20
9-15
Memory Error Detect Register (ERR_DETECT) ................................................................. 9-21
9-16
Memory Error Disable Register (ERR_DISABLE).............................................................. 9-22
9-17
Memory Error Interrupt Enable Register (ERR_INT_EN)................................................... 9-22
9-18
Memory Error Attributes Capture Register (CAPTURE_ATTRIBUTES)........................... 9-23
9-19
Memory Error Address Capture Register (CAPTURE_ADDRESS) ................................... 9-24
9-20
Single-Bit ECC Memory Error Management Register (ERR_SBE) .................................... 9-25
9-21
DDR Memory Controller Block Diagram ............................................................................ 9-26
9-22
Controller DLL Timing Loop ............................................................................................... 9-27
9-23
Typical Dual Data Rate SDRAM Internal Organization....................................................... 9-28
9-24
Typical DDR SDRAM Interface Signals .............................................................................. 9-28
9-25
Example 256-Mbyte DDR SDRAM Configuration with ECC............................................. 9-29
9-26
DDR SDRAM Burst Read Timing—ACTTORW = 3, MCAS Latency = 2 ........................ 9-36
9-27
DDR SDRAM Single-Beat (Double-Word) Write Timing—ACTTORW = 3 ..................... 9-37
9-28
DDR SDRAM Burst Write Timing—ACTTORW = 4 ......................................................... 9-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com