Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
lviii
Freescale Semiconductor
Figures
Figure
Number
Title
Page
Number
17-38
RapidIO Inbound Window Attributes Registers 1–4 (RIWARn)........................................ 17-42
17-39
Port Notification/Fatal Error Detect Register (PNFEDR) .................................................. 17-44
17-40
Port Notification/Fatal Error Detect Disable Register (PNFEDiR) .................................... 17-47
17-41
Port Notification/Fatal Error Interrupt Enable Register (PNFEIER).................................. 17-49
17-42
Port Error Capture Status Register (PECSR) ...................................................................... 17-52
17-43
Error Packet Capture Register 0 (EPCR0) .......................................................................... 17-52
17-44
Error Packet Capture Register 1 (EPCR1)—Type 1 Packet Format................................... 17-53
17-45
Error Packet Capture Register 1 (EPCR1)—Type 2 Packet Format................................... 17-54
17-46
Error Packet Capture Register 1 (EPCR1)—Type 5 Packet Format................................... 17-54
17-47
Error Packet Capture Register 1 (EPCR1)—Type 6 Packet Format................................... 17-55
17-48
Error Packet Capture Register 1 (EPCR1)—Type 8 Request Packet Format..................... 17-55
17-49
Error Packet Capture Register 1 (EPCR1)—Type 8 Response Packet Format .................. 17-56
17-50
Error Packet Capture Register 1 (EPCR1)—Type 10 Packet Format................................. 17-57
17-51
Error Packet Capture Register 1 (EPCR1)—Type 11 Packet Format ................................. 17-57
17-52
Error Packet Capture Register 1 (EPCR1)—Type 13 Packet Format................................. 17-58
17-53
Error Packet Capture Register 2 (EPCR2)—Type 1, 2, or 5 Packet Format ...................... 17-58
17-54
Error Packet Capture Register 2 (EPCR2)—Type 6 Packet Format................................... 17-59
17-55
Error Packet Capture Register 2 (EPCR2)—Type 8 Request Packet Format..................... 17-59
17-56
Error Packet Capture Register 2 (EPCR2)—Type 8 Response Packet Format .................. 17-60
17-57
Error Packet Capture Register 2 (EPCR2)—Type 10 Packet Format................................. 17-60
17-58
Error Packet Capture Register 2 (EPCR2)—Type 11 or 13 Packet Format........................ 17-61
17-59
Port Recoverable Error Detect Register (PREDR) ............................................................. 17-61
17-60
Port Error Recovery Threshold Register (PERTR)............................................................. 17-64
17-61
Port Retry Threshold Register (PRTR) ............................................................................... 17-64
17-62
Outbound Mode Register (OMR) ....................................................................................... 17-65
17-63
Outbound Status Register (OSR) ........................................................................................ 17-67
17-64
Outbound Descriptor Queue Dequeue Pointer Address Register (ODQDPAR)................. 17-69
17-65
Outbound Unit Source Address Registers (OSAR) ............................................................ 17-69
17-66
Outbound Destination Port Registers (ODPR) ................................................................... 17-70
17-67
Outbound Destination Attributes Register (ODATR) ......................................................... 17-70
17-68
Outbound Double-Word Count Register (ODCR) .............................................................. 17-71
17-69
Outbound Descriptor Queue Enqueue Pointer Register (ODQEPAR) ............................... 17-72
17-70
Inbound Mode Register (IMR) ........................................................................................... 17-73
17-71
Inbound Status Register (ISR) ............................................................................................ 17-74
17-72
Inbound Frame Queue Dequeue Pointer Address Registers (IFQDPAR)........................... 17-75
17-73
Inbound Frame Queue Enqueue Pointer Address Registers (IFQEPAR) ........................... 17-76
17-74
Doorbell Mode Register (DMR) ......................................................................................... 17-77
17-75
Doorbell Status Register (DSR).......................................................................................... 17-78
17-76
Doorbell Queue Dequeue Pointer Address Registers (DQDPAR)...................................... 17-80
17-77
Doorbell Queue Enqueue Pointer Address Register (DQEPAR)........................................ 17-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com