Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
lix
Figures
Figure
Number
Title
Page
Number
17-78
Port-Write Mode Register (PWMR) ................................................................................... 17-81
17-79
Port-Write Status Register (PWSR) .................................................................................... 17-82
17-80
Port-Write Queue Base Address Register (PWQBAR) ...................................................... 17-83
17-81
Physical Maintenance Field (PMF) Definition ................................................................... 17-86
17-82
Outbound Message Queue Structure................................................................................. 17-113
17-83
Descriptor Dequeue Pointer and Descriptor ..................................................................... 17-116
17-84
Inbound Mailbox Structure ............................................................................................... 17-117
17-85
Inbound Doorbell Queue and Pointer Structure................................................................ 17-119
17-86
Doorbell Entry Format ...................................................................................................... 17-120
17-87
Inbound Port-Write Structure............................................................................................ 17-122
18-1
POR PLL Status Register (PORPLLSR) .............................................................................. 18-4
18-2
POR Boot Mode Status Register (PORBMSR) .................................................................... 18-5
18-3
POR I/O Impedance Status and Control Register (PORIMPSCR)....................................... 18-6
18-4
POR Device Status Register (PORDEVSR) ......................................................................... 18-8
18-5
POR Debug Mode Status Register (PORDBGMSR) ........................................................... 18-9
18-6
POR Configuration Register (GPPORCR) ........................................................................... 18-9
18-7
General-Purpose I/O Control Register (GPIOCR).............................................................. 18-10
18-8
General-Purpose Output Data Register (GPOUTDR) ........................................................ 18-11
18-9
General-Purpose Output Data Register (GPINDR) ............................................................ 18-12
18-10
Alternate Function Pin Multiplex Control Register (PMUXCR) ....................................... 18-13
18-11
Device Disable Register (DEVDISR)................................................................................. 18-13
18-12
Power Management Control and Status Register (POWMGTCSR) .................................. 18-15
18-13
Machine Check Summary Register (MCPSUMR) ............................................................. 18-17
18-14
Processor Version Register (PVR) ...................................................................................... 18-17
18-15
System Version Register (SVR).......................................................................................... 18-18
18-16
Clock Out Control Register (CLKOCR)............................................................................. 18-18
18-17
DDR DLL Control Register (DDRDLLCR)....................................................................... 18-19
18-18
Local Bus DLL Control Register (LBDLLCR) .................................................................. 18-20
18-19
e500 Core Power Management State Diagram ................................................................... 18-21
18-20
MPC8540 Power Management Handshaking Signals ........................................................ 18-26
19-1
Performance Monitor Block Diagram................................................................................... 19-2
19-2
Performance Monitor Global Control Register (PMGC0).................................................... 19-5
19-3
Performance Monitor Local Control Register A0 (PMLCA0) ............................................. 19-6
19-4
Performance Monitor Local Control Registers A1–A8 (PMLCA1–PMLCA8) ................... 19-6
19-5
Performance Monitor Local Control Register B0 (PMLCB0).............................................. 19-7
19-6
Performance Monitor Local Control Registers B1–B8 (PMLCB1–PMLCB8).................... 19-8
19-7
Performance Monitor Counter Register 0 (PMC0)............................................................. 19-10
19-8
Performance Monitor Counter Registers 1–8 (PMC1–PMC8)........................................... 19-10
19-9
Duration Threshold Event Sequence Timing Diagram ....................................................... 19-12
19-10
Burst Size, Distance, Granularity, and Burstiness Counting............................................... 19-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com