Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
lxxxvi
Freescale Semiconductor
•
This document also contains the following indexes:
— Register index. Contains listings of all memory-mapped registers implemented by the
integrated logic. It does not include the following:
– e500 core registers. These registers are listed in the general index under e500 core,
registers.
– Configuration header registers defined by the PCI specification. These registers are
listed under PCI/PCI-X controller, register descriptions.
— General index. Contains all entries except those for memory-mapped registers.
•
This reference manual also includes a glossary.
Suggested Reading
This section lists additional reading that provides background for the information in this manual
as well as general information about the architecture.
General Information
The following documentation, published by Morgan-Kaufmann Publishers, 340 Pine Street, Sixth
Floor, San Francisco, CA, provides useful information about the PowerPC architecture and
computer architecture in general:
•
The PowerPC Architecture: A Specification for a New Family of RISC Processors, Second
Edition, by International Business Machines, Inc.
•
Computer Architecture: A Quantitative Approach, Third Edition, by John L. Hennessy and
David A. Patterson
•
Computer Organization and Design: The Hardware/Software Interface, Second Edition, by
David A. Patterson and John L. Hennessy
Related Documentation
Freescale Semiconductor documentation is available from the sources listed on the back cover of
this manual; the document order numbers are included in parentheses for ease in ordering:
•
EREF: A Reference for Freescale Semiconductor Book E and the e500 Core—This book
provides a higher-level view of the programming model as it is defined by Book E, the
Freescale Semiconductor Book E implementation standards, and the e500 microprocessor.
•
Reference manuals (formerly called user’s manuals)—These books provide details about
individual implementations.
•
Addenda/errata to reference or user’s manuals—Because some processors have follow-on
parts, an addendum is provided that describes the additional features and functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com