Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
lxxxviii
Freescale Semiconductor
|
OR logical operator
||
Concatenation, for example TCR[WPEXT]||TCR[WP]
Indicates a reserved bit field in an e500 register. Although these bits can be
written to as ones or zeros, they are always read as zeros.
Indicates a reserved bit field in a memory-mapped register. Although these
bits can be written to as ones or zeros, they are always read as zeros.
Indicates a read-only bit field in a memory-mapped register.
Indicates a write-only bit field in a memory-mapped register. Although
these bits can be written to as ones or zeros, they are always read as zeros.
Signal Conventions
OVERBAR
An overbar indicates that a signal is active-low.
lowercase_italics
Lowercase italics is used to indicate internal signals.
lowercase_plaintext Lowercase plain text is used to indicate signals that are used for
configuration. For more information, see Section 3.2, “Configuration
Signals Sampled at Reset.”
Acronyms and Abbreviations
Table i contains acronyms and abbreviations used in this document.
Table 1. Acronyms and Abbreviated Terms
Term
Meaning
ADB
Allowable disconnect boundary
ATM
Asynchronous transfer mode
ATMU
Address translation and mapping unit
BD
Buffer descriptor
BIST
Built-in self test
BRI
Basic rate interface
BTB
Branch target buffer
BUID
Bus unit ID
CAM
Content-addressable memory
CCB
Core complex bus
—
R0
W
R FIELDNAME
W
R
W FIELDNAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com