Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
lxxxiii
About This Book
The primary objective of this reference manual is to define the functionality of the MPC8540. The
MPC8540 integrates a PowerPC™ processor with system logic required for networking, storage,
and general purpose embedded applications. The e500 processor core is a low-power
implementation of the family of reduced instruction set computing (RISC) embedded processors
that implement the Book E definition of the PowerPC architecture. This book is intended as a
companion to the PowerPC e500 Core Complex Reference Manual.
Audience
It is assumed that the reader understands operating systems, microprocessor system design, and
the basic principles of RISC processing.
Organization
Following is a summary and a brief description of the major parts of this reference manual:
Part I, “Overview,” describes the many features of the MPC8540 integrated host processor at an
overview level. The following chapters are included:
•
Chapter 1, “Overview,” provides a high-level description of features and functionality of
the MPC8540 integrated host processor. It describes the MPC8540, its interfaces, and its
programming model. The functional operation of the MPC8540 with emphasis on
peripheral functions is also described.
•
Chapter 2, “Memory Map,” describes the memory map of the MPC8540. An overview of
the local address map is followed by a description of how local access windows are used to
define the local address map. The inbound and outbound address translation mechanisms
used to map to and from external memory spaces are described next. Finally, the
configuration, control, and status registers are described, including a complete listing of all
memory-mapped registers with cross references to the sections detailing descriptions of
each.
•
Chapter 3, “Signal Descriptions,” provides a listing of all the external signals,
cross-references for signals that serve multiple functions, output signal states at reset, and
reset configuration signals (and the modes they define).
•
Chapter 4, “Reset, Clocking, and Initialization,” describes the hard and soft resets, the
power-on reset sequence, power-on reset (POR) configuration, clocking, and initialization
of the MPC8540.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com