Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
xiv
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
9.4
Memory Map/Register Definition ................................................................................... 9-9
9.4.1
Register Descriptions ................................................................................................... 9-9
9.4.1.1
Chip Select Memory Bounds (CSn_BNDS).......................................................... 9-10
9.4.1.2
Chip Select Configuration (CSn_CONFIG).......................................................... 9-10
9.4.1.3
DDR SDRAM Timing Configuration 1 (TIMING_CFG_1)................................. 9-11
9.4.1.4
DDR SDRAM Timing Configuration 2 (TIMING_CFG_2)................................. 9-13
9.4.1.5
DDR SDRAM Control Configuration (DDR_SDRAM_CFG)............................. 9-14
9.4.1.6
DDR SDRAM Mode Configuration (DDR_SDRAM_MODE)............................ 9-16
9.4.1.7
DDR SDRAM Interval Configuration (DDR_SDRAM_INTERVAL) ................. 9-16
9.4.1.8
Memory Data Path Error Injection Mask High
(DATA_ERR_INJECT_HI) ............................................................................... 9-17
9.4.1.9
Memory Data Path Error Injection Mask Low
(DATA_ERR_INJECT_LO).............................................................................. 9-18
9.4.1.10
Memory Data Path Error Injection Mask ECC
(ECC_ERR_INJECT)........................................................................................ 9-18
9.4.1.11
Memory Data Path Read Capture High (CAPTURE_DATA_HI)......................... 9-19
9.4.1.12
Memory Data Path Read Capture Low (CAPTURE_DATA_LO) ........................ 9-20
9.4.1.13
Memory Data Path Read Capture ECC (CAPTURE_ECC).................................. 9-20
9.4.1.14
Memory Error Detect (ERR_DETECT)................................................................ 9-21
9.4.1.15
Memory Error Disable (ERR_DISABLE)............................................................. 9-21
9.4.1.16
Memory Error Interrupt Enable (ERR_INT_EN).................................................. 9-22
9.4.1.17
Memory Error Attributes Capture (CAPTURE_ATTRIBUTES).......................... 9-23
9.4.1.18
Memory Error Address Capture (CAPTURE_ADDRESS) .................................. 9-24
9.4.1.19
Single-Bit ECC Memory Error Management (ERR_SBE) ................................... 9-25
9.5
Functional Description................................................................................................... 9-25
9.5.1
DDR SDRAM Interface Operation............................................................................ 9-30
9.5.1.1
Supported DDR SDRAM Organizations ............................................................... 9-31
9.5.2
DDR SDRAM Address Multiplexing........................................................................ 9-31
9.5.3
JEDEC Standard DDR SDRAM Interface Commands ............................................. 9-32
9.5.4
SDRAM Interface Timing ......................................................................................... 9-34
9.5.4.1
Clock Distribution ................................................................................................. 9-38
9.5.5
DDR SDRAM Mode-Set Command Timing............................................................. 9-38
9.5.6
DDR SDRAM Registered DIMM Mode ................................................................... 9-39
9.5.7
DDR SDRAM Write Timing Adjustments ................................................................ 9-40
9.5.8
DDR SDRAM Refresh .............................................................................................. 9-41
9.5.8.1
DDR SDRAM Refresh Timing.............................................................................. 9-42
9.5.8.2
DDR SDRAM Refresh and Power-Saving Modes ................................................ 9-43
9.5.8.2.1
Self-Refresh in Sleep Mode............................................................................... 9-44
9.5.9
DDR Data Beat Ordering........................................................................................... 9-45
9.5.10
Page Mode and Logical Bank Retention ................................................................... 9-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com