Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 5 Page - STMicroelectronics

  VIPERGAN65 Datasheet HTML 1Page - STMicroelectronics VIPERGAN65 Datasheet HTML 2Page - STMicroelectronics VIPERGAN65 Datasheet HTML 3Page - STMicroelectronics VIPERGAN65 Datasheet HTML 4Page - STMicroelectronics VIPERGAN65 Datasheet HTML 5Page - STMicroelectronics VIPERGAN65 Datasheet HTML 6Page - STMicroelectronics VIPERGAN65 Datasheet HTML 7Page - STMicroelectronics VIPERGAN65 Datasheet HTML 8Page - STMicroelectronics VIPERGAN65 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
3
Electrical characteristics
Table 5. Electrical characteristics
TJ = -25 °C to 125 °C, VDD=14 V, unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power section
V(BL)DS
Drain-source
blocking voltage
ID < 12 uA
650
V
IDSS
Off-state drain
current
VDRAIN = 650 V, LS On, HS Off, TJ = 25 °C
0.5
13
µA
VDRAIN = 650 V, LS On, HS Off, TJ = 125 °C
100
RDS(ON)HS
HS drain-source on-
state resistance
TJ = 25 °C; ID = 2 A
260
345
mΩ
TJ = 125 °C; ID = 2 A
570
RDS(ON)LS
LS drain-source on-
state resistance
Tj = 25 °C, ID = 2 A
72
mΩ
High voltage start-up generator
VSTART
Drain-source start
voltage
RHV = 10 MΩ, TJ = 25 °C
34.5
V
RHV = 20 MΩ, TJ = 25 °C
41
ICHARGE
VDD start-up charge
current
VDD ≤ VDD-FOLD
0.4
0.65
0.9
mA
VDD-FOLD < VDD <VDD-ON
2.6
3.55
4.5
IHV
HV off current
VHV = 22 V, TJ = 25 °C
124
nA
VDD-FOLD
VDD foldback
threshold
1
1.4
2
V
Supply voltage
VDD
Operating range
After turn-on
9
23
V
VDRV-op
Operating range
After turn-on
5.7
6.3
V
VDD-ON
Turn-on threshold
14
15
16
V
VDD-OFF
Turn-off threshold
7.5
8
8.5
V
VDD-RESTART
Restart threshold
6.5
7
7.5
V
VDD-ONREG
VDD voltage for
regulator turn-on
VDD rising after VUVLO
6.5
7
7.5
V
VDD-CL
VDD clamping
voltage
IDD = 25 mA
23.8
25
27.2
V
VDRV
Driver regulation
voltage
IDRV = 2 mA
5.7
6
6.3
V
VDRV-OK
Driver UVLO voltage Rising voltage
5.2
5.7
V
Hysteresis
0.2
V
VDRV-OVP
Driver OVP voltage
Rising voltage
6.8
7.5
V
VDRV-HYST
Driver OVP
hysteresis
Hysteresis
0.3
V
IDRV-MAX
Driver short-circuit
current
DRV = GND
4
mA
IDD-CL
Shutdown clamping
current
20
26
32
mA
TDD-CL
Shutdown clamping
delay
100
µs
VIPERGAN65
Electrical characteristics
DS14005 - Rev 2
page 5/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com