Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 7Page - STMicroelectronics VIPERGAN65 Datasheet HTML 8Page - STMicroelectronics VIPERGAN65 Datasheet HTML 9Page - STMicroelectronics VIPERGAN65 Datasheet HTML 10Page - STMicroelectronics VIPERGAN65 Datasheet HTML 11Page - STMicroelectronics VIPERGAN65 Datasheet HTML 12Page - STMicroelectronics VIPERGAN65 Datasheet HTML 13Page - STMicroelectronics VIPERGAN65 Datasheet HTML 14Page - STMicroelectronics VIPERGAN65 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
5
Application information
5.1
Multi-mode operations
The VIPERGAN65 is an offline Quasi-Resonant ZVS (Valley Switching at switch turn-on) flyback converter.
Depending on converter’s load condition, the device is able to work in different modes (see Figure 10):
1.
QR mode at heavy load. Quasi-resonant operation is achieved by synchronizing the GaN turn-on to the
transformer demagnetization by detecting the resulting negative-going edge of the voltage across any
winding of the transformer. The system then works close to the boundary between discontinuous (DCM) and
continuous conduction (CCM) of the transformer. As a result, the switching frequency is different for different
line/load conditions (see the hyperbolic-like portion of the curves in Figure 10). The minimum turn-on losses,
low EMI emission and safe behavior in short-circuit are the main benefits of this kind of operation.
2.
Valley-skipping mode at heavy/medium load. The device defines the maximum operating frequency of the
converter. As the load is reduced the GaN turn-on no longer occurs on the first valley but on the second
one, the third one and so on. In this way the switching frequency no longer increases, limiting the switching
losses.
3.
Frequency foldback mode at medium/light load. The maximum switching frequency limit is progressively
reduced with the FB pin voltage, still maintaining ZVS operation. This maximizes efficiency at light load, still
ensuring noise-free operations, since the switching frequency is bottom limited above the audible frequency
range.
4.
Burst-mode with no or very light load. When the load is extremely light or disconnected, the converter
enters a controlled on/off operation with constant peak current. Decreasing the load then results in frequency
reduction, which can go down even to few hundred hertz, thus minimizing all frequency-related losses and
making it easier to comply with energy saving regulations or recommendations. As the peak current is very
low, no issue of audible noise arises.
Figure 10. Multi-mode operation of VIPERGAN65
5.2
High voltage start-up generator and supply structures
Based on a double FET structure, the HV current generator is supplied through the DRAIN pin and is used to start
up the device.
The internal schematic is shown in Figure 11. Before startup, the switch SW1 is closed, SW2 and SW3 are open,
whereas the low-side MOSFET (LS MOSFET) is open.
When the power is applied to the circuit, the gate of the high-side GaN (HS GaN) is pulled up through the resistor
RHV and capacitor CHV. If the voltage is high enough, the internal current generator draws the current ICHARGE
(3.55 mA typ.) to charge the capacitor connected between VDD and GND. To avoid excessive IC dissipation
in case VDD is accidentally shorted to GND, this current is initially reduced to 0.6 mA, until VDD is lower than
VDD_FOLD.
VIPERGAN65
Application information
DS14005 - Rev 2
page 11/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com