Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 9Page - STMicroelectronics VIPERGAN65 Datasheet HTML 10Page - STMicroelectronics VIPERGAN65 Datasheet HTML 11Page - STMicroelectronics VIPERGAN65 Datasheet HTML 12Page - STMicroelectronics VIPERGAN65 Datasheet HTML 13Page - STMicroelectronics VIPERGAN65 Datasheet HTML 14Page - STMicroelectronics VIPERGAN65 Datasheet HTML 15Page - STMicroelectronics VIPERGAN65 Datasheet HTML 16Page - STMicroelectronics VIPERGAN65 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
5.3
Zero current detection and triggering block
The zero current detection (ZCD) and triggering block switches on the power GaN if a negative-going edge
falling below 60 mV is applied to the ZCD pin. To do so, the triggering block must be previously armed by a
positive-going edge exceeding 110 mV.
This feature is used to detect transformer demagnetization for the QR operation, where the signal for the ZCD
input is obtained from the transformer auxiliary windings used also to supply the IC.
The triggering block is blanked after GaN turn-on to prevent any negative-going edge that follows leakage
inductance demagnetization from triggering the ZCD circuit erroneously.
The switching frequency is top limited below 240 kHz.
To prevent the tendency of the system to excessively increase the frequency at light load, a variable blanking
time, function of the FB pin voltage, is implemented. This blanking time is maximum for VFB = VFBB and
decreases linearly down to the minimum for VFB = VFBR.
In QR systems the switching frequency also increases with the input line. To solve this issue, the VIPERGAN65
offers a special dynamic blanking time function, which reduces the maximum permitted switching frequency as the
input line increases. This function is settable through the TB pin and is explained in the relevant section.
In this way, the switching frequency is progressively reduced with the input voltage and output load, resulting in
lower frequency-related losses.
If the demagnetization completes - hence a negative-going edge appears on the ZCD pin - after a time exceeding
time TBLANK from the previous turn-on, the GaN is turned on again, with some delay to ensure minimum voltage
at turn-on (“QR mode”).
If the negative-going edge appears before TBLANK has elapsed, it is ignored and only the first negative-going edge
after TBLANK turns on the GaN. In this way one or more drain ringing cycles is skipped (“valley-skipping mode”)
and the switching frequency is prevented from exceeding 1/TBLANK.
The blanking time limits and the mode of operation are reported in Figure 12.
In case the amplitude of residual oscillation on ZCD is not enough to trigger again the switching (it could happen
during low frequency operation), an internal function forces the GaN to turn on, TFORCE after the blanking time is
elapsed. A starter block is also used to start up the system when the signal on the ZCD pin is not high enough
to trigger the GaN. After the first few cycles initiated by the starter, as the voltage developed across the auxiliary
winding becomes large enough to arm the ZCD circuit, the GaN's turn-on starts to be locked to transformer
demagnetization, hence setting up the QR operation.
The ZCD pin voltage is both top and bottom limited by a double clamp. The upper clamp is typically located at
3 V, the lower clamp at -60 mV. The interface between the pin and the auxiliary winding is a resistor divider. Its
resistance ratio as well as the individual resistance values are properly chosen, see “Line voltage feed-forward
block” and “Output overvoltage protection”.
Figure 12. Frequency limits and modes of operations
VIPERGAN65
Zero current detection and triggering block
DS14005 - Rev 2
page 13/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com