Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 18Page - STMicroelectronics VIPERGAN65 Datasheet HTML 19Page - STMicroelectronics VIPERGAN65 Datasheet HTML 20Page - STMicroelectronics VIPERGAN65 Datasheet HTML 21Page - STMicroelectronics VIPERGAN65 Datasheet HTML 22Page - STMicroelectronics VIPERGAN65 Datasheet HTML 23Page - STMicroelectronics VIPERGAN65 Datasheet HTML 24Page - STMicroelectronics VIPERGAN65 Datasheet HTML 25Page - STMicroelectronics VIPERGAN65 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Figure 26. OVP timing diagram
5.12
Input OVP protection
The input overvoltage protection is intended to protect the converter in case of overvoltage on the main line,
which can cause exceeding of the GaN’s breakdown voltage. It can be easily realized connecting iOVP to the
voltage to be monitored (usually the DC rectified input mains) through a voltage divider.
When the iOVP pin voltage exceeds the internal threshold ViOVP_th (5 V typ.), for a time greater than TiOVP (250
μs typ.), the IC is shut down, while VDD is recycled between VDD-RESTART and VDD_ON by the periodical activation
of the internal HV current source. Switching is resumed when ViOVP falls below ViOVP_th.
The delay time TiOVP is intended to filter out possible disturbances that may be coupled during operations: it is
implemented through an up/down counter which is incremented when ViOVP exceeds ViOVP_th and decremented
otherwise, on a cycle-by-cycle base. In this way, temporary disturbances can be distinguished from a real
overvoltage, with great advantage to the operative continuity.
Regarding the setting, different configurations are possible, depending on whether brown-in/brown-out protection
(described in the following section) is also implemented or not, as shown in Table 1 and Figure 1.
The resistors of the voltage divider are calculated through equations () and (). The function can be disabled
connecting iOVP to GND.
5.13
Brown-In and Brown-Out protection
The brown-in protection is used to define the minimum input voltage from which the converter starts to operate.
Similarly, the brown-out protection defines the minimum input voltage below which the converter stops operating.
There are several reasons why it may be desirable to disable the converter below a certain input voltage range.
Firstly, a very low input voltage may cause overheating of the primary power section due to an excess of RMS
current. Secondly, spurious restarts may occur during converter power-down, which causes the output voltage not
to decay to zero monotonically.
At power-up, as VIN > VSTART, the internal HV-current source is activated, and the capacitor connected to VDD
is charged to VDD-ON. During this charging phase, the current IBR-DIS = 15 uA is sourced from BR and VBR is
monitored.
If VBR < VBR-DIS (100 mV, typ.), BR is assumed to be connected to GND, the related circuitry is disabled, the
information is latched until next power-on and the IC is allowed to start-up.
If VBR > VBR-DIS, the IC starts up and is allowed to switch for 30 msec. After that, if VBR > VBR-OUT (0.4 V, typ.),
it continues switching, otherwise it is disabled. From this latter case, if VBR exceeds VBR-IN (0.5 V, typ.) for more
than TBR_IN (250 usec, typ.), the IC is allowed to resume switching (brown-in); then, if VBR falls below VBR-OUT for
more than TBR_OUT (30 msec, typ.), the IC is disabled (brown-out).
The delay times are implemented through up/down counters, to reject temporary disturbances across the line.
TBR_OUT is also intended to avoid false protection triggerings due to the input capacitor voltage ripple and to
guarantee some hold-up in case of a missing cycle of the input line.
Input OVP, brown-in and brown-out conditions can be set connecting a voltage divider across the rectified input
mains, iOVP, BR and GND and selecting the resistor values according to the equations below.
VIPERGAN65
Input OVP protection
DS14005 - Rev 2
page 22/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com