Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 19Page - STMicroelectronics VIPERGAN65 Datasheet HTML 20Page - STMicroelectronics VIPERGAN65 Datasheet HTML 21Page - STMicroelectronics VIPERGAN65 Datasheet HTML 22Page - STMicroelectronics VIPERGAN65 Datasheet HTML 23Page - STMicroelectronics VIPERGAN65 Datasheet HTML 24Page - STMicroelectronics VIPERGAN65 Datasheet HTML 25Page - STMicroelectronics VIPERGAN65 Datasheet HTML 26Page - STMicroelectronics VIPERGAN65 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Equation 10
(10)
ROVP=RHV∙ ViOVP_tℎ
VIN−OVP−VBR−IN
VIN−ON
Equation 11
(11)
RBR=RHV∙ VBR−IN
VIN−ON−VBR−IN
In the above formulas,
VIN_ONandVIN_OVParetheDCinputvoltageswhichtriggerbrown-inandinput
overvoltage protection respectively.
The resistor RHV is used to start up the converter and also as part of the voltage divider, once HV and iOVP
are connecter together. Its value is arbitrarily selected, with the recommendation to be few tens MΩ at least to
minimize the residual consumptions from the input mains.
It is worth noting that the thresholds VIN-ON and VIN-OFF (the input voltage values triggering brown-in and
brown-out respectively) cannot be set independently but are linked to each other. The DC bus voltage value that
turns off the device is thus calculated with the following equation.
Equation 12
(12)
VIN−OFF=VIN−ON∙VBR−OUT
VBR−IN
A 10 nF filter capacitor placed between BR pin and GND is necessary to avoid misbehavior of the brown-out logic
when a high voltage start-up unit is activated.
The brown-in/out function can be disabled connecting the BR to GND.
Figure 27. Brown-in/out and input OVP: internal schematic
5.14
Configure Brown-In/Out and OVP protection
The pins iOVP and BR can be easily configured in different combinations, as reported in Table 7.
VIPERGAN65
Configure Brown-In/Out and OVP protection
DS14005 - Rev 2
page 23/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com