Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 2 Page - STMicroelectronics

  VIPERGAN65 Datasheet HTML 1Page - STMicroelectronics VIPERGAN65 Datasheet HTML 2Page - STMicroelectronics VIPERGAN65 Datasheet HTML 3Page - STMicroelectronics VIPERGAN65 Datasheet HTML 4Page - STMicroelectronics VIPERGAN65 Datasheet HTML 5Page - STMicroelectronics VIPERGAN65 Datasheet HTML 6Page - STMicroelectronics VIPERGAN65 Datasheet HTML 7Page - STMicroelectronics VIPERGAN65 Datasheet HTML 8Page - STMicroelectronics VIPERGAN65 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
Pin connections and function
Figure 2. Connection diagram (top view)
Table 1. Pin function
Pin N.
Name
Function
1,2,3,4,
GND
Device ground for current return.
5
BR
Input brown-in and brown-out protection. A 10 nF capacitor between this pin and GND is required. If
the feature is not used, the pin must be connected to GND.
6
iOVP
Input OVP protection. If the feature is not required, the pin must be connected to GND.
7
N.A.
Not available for user. This pin is mechanically connected to the controller die pad of the frame. In order
to improve noise immunity it must be connected to GND.
8
HV
Start-up pin. Connect to the main through a resistor to provide the bias to the HV start-up generator. It
is also used as upper resistor to set the BR and iOVP functions. Select a value in the range 10-30 MΩ to
minimize the residual consumptions.
A 220 pF ceramic capacitor must be connected between this pin and GND for proper functionality of high
voltage start-up control logic.
9
TB
Blanking time adjustment and valley synchronization. During on-time, a resistor connected between
TB and the auxiliary winding increases the blanking time proportionally to the input voltage, to reduce the
switching losses at high line.
During off-time, a voltage divider connected among auxiliary winding, TB and GND allows adjusting the
turn-on delay time after demagnetization, to precisely synchronize the GaN turn-on with the valley of the
resonance.
Connect the pin to GND if both functions are not used.
10
FB
Feedback. This pin is used to set the peak current value required by the control loop for a given output
load.
The pin is the input for the optocoupler. A level 100 mV below the threshold VFBB activates the burst-
mode operation. A level close to the threshold VFBH approaches the cycle-by-cycle overcurrent set point.
11
ZCD
ZCD. Transformer's demagnetization sensing for quasi-resonant operation.
A voltage divider must be connected among auxiliary winding, ZCD and GND. A negative-going edge
across the pin triggers GAN turn-on.
VIPERGAN65
Pin connections and function
DS14005 - Rev 2
page 2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com