Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 2Page - STMicroelectronics VIPERGAN65 Datasheet HTML 3Page - STMicroelectronics VIPERGAN65 Datasheet HTML 4Page - STMicroelectronics VIPERGAN65 Datasheet HTML 5Page - STMicroelectronics VIPERGAN65 Datasheet HTML 6Page - STMicroelectronics VIPERGAN65 Datasheet HTML 7Page - STMicroelectronics VIPERGAN65 Datasheet HTML 8Page - STMicroelectronics VIPERGAN65 Datasheet HTML 9Page - STMicroelectronics VIPERGAN65 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply current
IQ
Quiescent current
Burst-mode operation
900
µA
IDD
Operating supply
current
TB=GND; FSW = 100 kHz
Including DRV supply current, VFB = 0.9 V
3.2
mA
IDD-FAULT
Fault quiescent
current
VDD > VDD-OFF
620
µA
Current limitation
IDLIM
Drain current
limitation
VFB = 3.1 V
2.884
3
3.156
A
IOCP_LEB
OCP_LEB current
threshold
2.69
A
IBM
Bust-mode current
VFB = 0.7 V
600
710
823
mA
TSS
Soft-start time
8
ms
TD
Propagation delay
dIDRAIN/dt = 50 mA/µs
150
ns
TLEB
Leading-edge
blanking
163
170
220
ns
TON-MIN
Minimum turn-on
time
dIDRAIN/dt = 50 mA/µs
260
350
ns
Startup timers and frequency limit
FLIM_MAX
Max internal
frequency limit
TB = GND
176
240
330
kHz
Zero current detector
IZCDB
Input bias current
VZCD = 0.1 to 2.7 V
1
µA
VZCDH
Upper clamp voltage IZCD = 1 mA
3
3.5
V
VZCDL
Lower clamp voltage IZCD = -1 mA
-60
mV
VZCDA
Arming voltage
positive-going edge
100
110
120
mV
VZCDT
Triggering voltage
Negative-going edge
50
60
70
mV
TBLANK
Trigger blanking time
after GaN’s turn-on
VFB>= VFBR , ITB-neg = 0
3.04
4.16
5.66
µs
VFB>= VFBR , ITB-neg = 1 mA
10
15
20
VFB = VFBB
12
16
20
TFORCE
Force turn-on time
after blanking
After soft-start
2
2.7
3.4
µs
During soft-start
23
Compensation
VFBH
Upper saturation
3
V
VFBR
Frequency reduction
threshold
0.98
1.15
1.32
V
VFBB
Burst-mode
threshold
0.63
0.7
0.77
V
VHYST
Burst-mode
hysteresis
60
mV
KV
FB voltage to current
sense threshold gain
78.66
mV/V
G1
Voltage to RSNS_RF
current
49.4
µA/V
VIPERGAN65
Electrical characteristics
DS14005 - Rev 2
page 6/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com