Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 10Page - STMicroelectronics VIPERGAN65 Datasheet HTML 11Page - STMicroelectronics VIPERGAN65 Datasheet HTML 12Page - STMicroelectronics VIPERGAN65 Datasheet HTML 13Page - STMicroelectronics VIPERGAN65 Datasheet HTML 14Page - STMicroelectronics VIPERGAN65 Datasheet HTML 15Page - STMicroelectronics VIPERGAN65 Datasheet HTML 16Page - STMicroelectronics VIPERGAN65 Datasheet HTML 17Page - STMicroelectronics VIPERGAN65 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
5.4
Valley-lock feature
When the system operates in the valley skipping-mode, uneven switching cycles may be observed under some
line/load conditions, due to the fact that the off-time of the GaN is allowed to change with discrete steps of one
ringing cycle, while the off-time needed for cycle-by-cycle energy balance may fall in between. Thus, one or more
longer switching cycles are compensated by one or more shorter cycles and vice versa.
This “valley-jump” phenomenon introduces a low-frequency component in the primary current that may fall in the
audible range and if this periodic perturbation is sufficiently large in amplitude, audible noise can be generated by
mechanical vibrations of the magnetic components.
To avoid this phenomenon a new patent-pending valley-lock feature is implemented that, for a certain input
voltage and output load condition, fixes the number of skipped valleys during valley skipping mode operation,
regardless of the DC bus voltage ripple.
The function is disabled when the VFB falls below 1.3 V and re-enabled again when VFB increases up to 1.43 V
(typ.)
5.5
Constant voltage operation and burst-mode
The FB pin is connected to an optocoupler which transmits the error signal from the regulation loop located on the
secondary side of the converter, see Figure 13. Typically, a TS431 is used as a voltage reference.
The FB pin is driven directly by the phototransistor's collector to modulate the duty cycle.
A capacitor across the pin is usually used to compensate the loop.
When the FB pin voltage falls 60 mV below VFBB, the GaN is turned OFF and the IC consumption is reduced to IQ
to minimize the bias losses.
After the GaN turns OFF, the FB pin voltage increases as a reaction to the interruption of the energy delivery, and
as it reaches VFBB the device starts switching again.
The effect of this burst-mode operation, shown in Figure 14, is to reduce the equivalent switching frequency,
which can go down even to few hundred hertz, minimizing all frequency related losses and making it easier to
comply with energy saving regulations. Also the low peak current ensures noise free operations.
Figure 13. Constant output voltage control principle: internal schematic and pin configuration
VIPERGAN65
Valley-lock feature
DS14005 - Rev 2
page 14/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com