Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPERGAN65TR Datasheet HTML 3Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 4Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 5Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 6Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 7Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 8Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 9Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 10Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RSNS_RF
FB internal current
sense resistor
1.55
kΩ
HFB
Current sense gain
1.011
V/A
IFB
Source current
VFB = 0 V
70
100
130
µA
RFB
Dynamic feedback
resistor
15
kΩ
Dynamic blanking time and turn-on delay setting
KBLANK
Blanking time gain
ITB = 10 µA to 1 mA
7.64
10.91 14.18 ms/mA
VTBH
TB upper clamp
voltage
ITB = 1 mA
3.1
3.3
3.5
V
VTBL
TB lower clamp
voltage
ITB = 1 mA
-30
20
mV
VD-ON(MIN)
TB lower delay
voltage
0.6
V
VD-ON(MAX)
TB upper delay
voltage
2.6
V
TD-ON(MIN)
Minimum turn-on
delay time after
triggering
VTB≤VD-ON(MIN)
197
ns
TD-ON(MAX)
Minimum turn-on
delay time after
triggering
VTB≥VD-ON(MAX)
1.1
μs
VTB-DIS
Disable TB pin
voltage
80
100
120
mV
ITB-DIS
Disable TB current
160
200
240
mA
Overvoltage protection
VOVP
OVP threshold
2.375
2.5
2.625
V
Line voltage feed-forward
αFF
Feed-forward current
modulation gain
VFB>1.2 V
44
55
66
µA/mA
VFB<0.8 V
8.8
11
13.2
Overload protection
TOVL
Overload time
50
ms
TRESTART
Restart time after
fault
1
s
Brown-in/out and input OVP
VBR-IN
Brown-in threshold
0.475
0.5
0.525
V
VBR-OUT
Brown-out threshold
0.38
0.4
0.42
V
VBR-DIS
Brown-in/out disable
voltage
80
100
120
mV
IBR-DIS
Brown-in/out disable
current
12
15
18
mA
TBR-IN
Brown-in delay time
200
250
300
ms
TBR-OUT
Brown-out delay
time
24
30
36
ms
ViOVP
Input OVP
4.75
5
5.25
V
TiOVP
OVP delay time
200
250
300
ms
VIPERGAN65
Electrical characteristics
DS14005 - Rev 2
page 7/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com