Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPERGAN65TR Datasheet HTML 15Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 16Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 17Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 18Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 19Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 20Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 21Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 22Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
The required delay to exactly synchronize the Turn-On at the valley,
TDELAY,canbecalculatedasbelow:
Equation 5
(5)
TDELAY=TVALLEY−TZCD−DELAY
In the equation
TZCD−DELAYrepresentsthedelaybetweenthedemagnetizationtimeandtheinstantoftimein
which the ZCD voltage crosses the triggering threshold
VZCDT:thisdelayisintherangeoffewtensnsupto
hundred ns but can be easily experimentally measured during converter’s operation.
The value of
VTBcanbedirectlyreadfromthecurvealso.
Once VTB voltage is known, the value of the resistor can be easily derived:
Equation 6
(6)
RDELAY= RTB
NAUXNSEC∙VOUTVTB−1
The resistor
RTBcanbecalculatedasreportedinDynamicblankingtime.
The
TDELAYissettothedefaultvaluewhenRDELAYislowerthan:
Equation 7
(7)
RDELAY_default< RTB
NAUXNSEC∙ VOUT
VD−ONMIN −1
Dynamic blanking time and valley synchronization functions can be disabled connecting TB to GND.
The decision if the function is used or not is taken at power-up: before the pin VDD reaches the VDD-ON threshold,
the current ITB-DIS (200 µA typ.) is sourced from the pin. If the TB pin voltage is below the VTB-DIS threshold (100
mV typ.), the pin is assumed to be connected to GND, the related circuitry is disabled, and the information is
latched until the next power-on.
Please note that to ensure a correct check of the disabling function, the resistor
RDELAYcannotbelowerthan:
Equation 8
(8)
RDELAYmin <VTB−DISmax
ITB−DISmin =750 Ω
5.9
TB pin configuration
The pin TB can be easily configured in different combinations, as reported in Table 6 and in Figure 21, Figure 22,
Figure 23, Figure 24.
Table 6. TB pin matrix configuration
Dynamic Blanking Time
Valley Synchronization
Schematic Configuration
Yes
Yes
Figure 21
No
Yes
Figure 22
Yes
No
Figure 23
No
No
Figure 24
VIPERGAN65
TB pin configuration
DS14005 - Rev 2
page 19/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com