Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPERGAN65TR Datasheet HTML 20Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 21Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 22Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 23Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 24Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 25Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 26Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 27Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Table 7. Brown-in/out and OVP matrix configuration
iOVP Protection
Brown-In/Out
Schematic Configuration
Yes
Yes
Figure 28
Yes
No
Figure 29
No
Yes
Figure 30
No
No
Figure 31
Figure 28. Brown-In/Out and input OVP: external
configuration (Input OVP and BR)
Figure 29. Brown-In/Out and input OVP: external
configuration (Only input OVP)
Figure 30. Brown-In/Out and input OVP: external
configuration (Only BR)
Figure 31. Brown-In/Out and input OVP: external
configuration (No input iOVP nor BR)
5.15
Frequency jittering for EMI reduction
Although the VIPERGAN65 works in QR mode and the switching frequency is already modulated at twice the
mains frequency, it implements a proprietary frequency jitter technique to further reduce EMI. This technique is
based on the injection, on the current sense signal, of a square waveform at 10 kHz (above the feedback loop
bandwidth) with 50 % duty cycle which modulates the amplitude of the peak primary current. The percentage of
this amplitude modulation is set as a default at 5 %. As the peak current reduces with decreasing load levels, the
effect automatically attenuates at lower loads, where the energy of EMI noise is highly reduced.
5.16
Thermal shutdown protection
When the controller temperature exceeds the shutdown threshold, TSD (140 °C typ.) the device is shut down and
maintained off for the time TSD-REST (2 s typ.) to prevent any dangerous overheating of the system and the VDD
pin is continuously recycled between VDD-ON and VDD-OFF to keep the controller alive. During this time the IC
consumption is reduced to IDD-FAULT to further minimize the HV start-up losses.
After TSD-RESTART, the IC restarts as VDD reaches VDD-ON.
Please note that the thermal sensor is embedded into the controller chip and the power GAN chip may have a
higher temperature.
The OTP timing diagram is shown in Figure 32.
VIPERGAN65
Frequency jittering for EMI reduction
DS14005 - Rev 2
page 24/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com