Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 3 Page - STMicroelectronics

  VIPERGAN65TR Datasheet HTML 1Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 2Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 3Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 4Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 5Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 6Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 7Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 8Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin N.
Name
Function
During GAN's on-time, the current sourced by the pin is monitored to get an image of the input voltage to
the converter, used for feed-forward compensation.
During GAN's off-time, a voltage exceeding the OVP threshold shuts the IC down reducing the device
consumption. This function is strobed and digitally filtered for high noise immunity.
12
VDD
Controller supply. An electrolytic capacitor, connected between this pin and GND, is initially charged by
the internal HV start-up generator.
A 100 nF ceramic cap between VDD and GND, as close as possible to the IC, might be required to reject
high frequency disturbances from internal circuitries.
13
DRV
GaN driver section supply. An internal voltage regulator tightly sets the driving voltage for GaN to 6 V to
obtain best performance.
A low ESR/ESL 1 µF ceramic capacitor placed between this pin and GND is required.
15,16
DRAIN
Drain pin of the GAN switch
EP
EP
Exposed Pad. This pin is mechanically connected to the controller die pad of the frame. In order to
improve noise immunity it must be connected to GND.
VIPERGAN65
Pin connections and function
DS14005 - Rev 2
page 3/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com