Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPERGAN65TR Datasheet HTML 11Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 12Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 13Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 14Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 15Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 16Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 17Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 18Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Figure 14. Burst-mode operation
5.6
Line voltage feed-forward block
The power that a QR flyback converter with a fixed overcurrent set point can deliver changes considerably with
the input voltage.
In wide-range mains applications, the deliverable power at high line can be more than twice than at minimum
voltage. This is a problem because it means that at high line the system could be operated at a power level much
higher than that which triggers overload at low lines, thus requiring an overrating of the power components.
The VIPERGAN65 implement a feed-forward function able to solve this issue: the voltage across the auxiliary
winding is monitored and the information is used to compensate the converter (see Figure 15).
Figure 15. Feed-forward compensation: simplified internal schematic and pin configuration.
During GaN’s on-time the current sourced from the ZCD pin through the ROPP resistor is mirrored inside the
“Feed-forward Logic” block to provide a feed-forward current IFF, proportional to the input voltage according to the
formula:
Equation 1
(1)
IFF=NAUXNPRI∙ VINROPP
The optimum value of the compensation, which minimizes the power capability variation over the input voltage
range, is the one that provides equal power capability at the extremes of the range, and is defined by the proper
selection of the resistor, according to the equation below:
Equation 2
VIPERGAN65
Line voltage feed-forward block
DS14005 - Rev 2
page 15/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com