Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPERGAN65TR Datasheet HTML 1Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 2Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 3Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 4Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 5Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 6Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 7Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 8Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
Quasi-resonant (QR) flyback controller
650 V E-mode power GaN transistor
Embedded sense FET
Dynamic blanking time and adjustable valley synchronization delay functions, to
maximize efficiency at any input line and load condition
Valley-lock to ensure constant valley skipping
Advanced power management for less than 30 mW standby power consumption
with adaptive burst-mode
Output OVP protection
Input voltage feed-forward compensation for mains independent OPP variation
Brown-in and brown-out protection
Input OVP protection
Embedded thermal shutdown
Frequency jitter for EMI suppression
Application
High efficiency power adapters
Fast battery chargers
Auxiliary power supply for appliances, industrial, consumers, lighting
Description
The VIPERGAN65 is a high voltage converter, designed for medium power quasi-
resonant ZVS (Zero Voltage Switching at switch turn-on) flyback converters, capable
to provide an output power up to 65 W in wide range.
It integrates a complete set of features that provide an extremely flexible and
easy to use chip and helps to design a highly efficient offline power supply. The
ZVS quasi-resonant operation with the dynamic blanking time feature and the
valley synchronization function, that turns on the power switch always at the valley
of the drain resonance, reduces the switching losses and maximizes the overall
efficiency at any input line and load condition. The advanced power management
with the low quiescent helps to achieve low stand-by consumptions. The feed-forward
compensation minimizes the maximum output peak power variation over the entire
input voltage range.
In addition to the above functions, the device offers protection features that
considerably increase end-product’s safety and reliability: the output overvoltage
protection, the overtemperature protection (OTP), the overload protection (OLP), the
brown-in/out protection, that set the input voltage level to power on and power off
the converter and the input overvoltage protection (iOVP), that protects the system
in case of an abnormal increase of the input line. All the protections are auto-restart
mode.
Product status link
VIPERGAN65
Product label
Figure 1. Typical application
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
VIPERGAN65
Datasheet
DS14005 - Rev 2 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VIPERGAN65TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPERGAN100 STMICROELECTRONICS-VIPERGAN100 Datasheet
5Mb / 35P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
VIPERGAN100TR STMICROELECTRONICS-VIPERGAN100TR Datasheet
5Mb / 35P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
VIPERGAN50 STMICROELECTRONICS-VIPERGAN50 Datasheet
8Mb / 37P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
VIPERGAN50TR STMICROELECTRONICS-VIPERGAN50TR Datasheet
8Mb / 37P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
More results

Similar Description - VIPERGAN65TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
High-Voltage Startup, Quasi-Resonant Operation
logo
Rohm
BM520Q15F ROHM-BM520Q15F Datasheet
912Kb / 19P
Quasi-resonant Switching Mode
logo
RF Micro Devices
RFHA1101 RFMD-RFHA1101 Datasheet
692Kb / 8P
Advanced GaN HEMT Technology
RFHA1101D RFMD-RFHA1101D Datasheet
721Kb / 8P
Advanced GaN HEMT Technology
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
logo
ON Semiconductor
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN6080HMX ONSEMI-FAN6080HMX Datasheet
337Kb / 15P
Offline Quasi-Resonant PWM Controller
August, 2020 ??Rev. 0
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
STMicroelectronics
VIPERGAN100 STMICROELECTRONICS-VIPERGAN100 Datasheet
5Mb / 35P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
VIPERGAN50 STMICROELECTRONICS-VIPERGAN50 Datasheet
8Mb / 37P
Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
17-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com