Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 4 Page - STMicroelectronics

  VIPERGAN65TR Datasheet HTML 1Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 2Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 3Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 4Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 5Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 6Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 7Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 8Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 2 may cause permanent damage to the device. These
are stress ratings only and operation of the device at these or any other conditions above those indicated in
the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
Min.
Max.
VDRAIN
15, 16
Drain Blocking DC voltage
650
V
Drain transient voltage (Tpulse < 1 µs)
850
5, 10
Analog Inputs & Outputs
-0.3
3.6
V
IZCD
11
Zero Current Detector current
-3
3
mA
ITB
9
TB current
-3
3
mA
VDD
12
Supply Voltage (IDD < 25 mA)
-0.3
Self-
limited
V
IDD
12
Device supply current + internal Zener capability
25
mA
VDRV
13
Driver supply maximum voltage
12
V
ViOVP
6
iOVP configuration according to Figure 1, Figure 2 or Figure 3
10
V
iOVP externally biased
6
V
VHV
8
Start-up pin (IHV<100 uA)
-0.3
Self-
limited
TJ
Junction Temperature Range
-40
150
°C
TSTG
Storage Temperature
-55
150
°C
2.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
RTH-JEP
Thermal resistance junction to Exposed Pad (1)
1.5
°C/W
RTH-JA
Thermal resistance junction to ambient (1)
32
°C/W
1. Pdiss = 1 W – Natural Convection - Board: 11.4 mm x 7.6 mm FR4, 4 layer, 2 oz copper, 5 vias under EP JESD 51-7
2.3
Typical power capability
Table 4. Typical power capability
85-265 VAC(1)
185-265 VAC(1)
65 W
85 W
1. Typical maximum output power rating in adapter design at 50°C ambient with adequate heatsinking.
VIPERGAN65
Electrical data
DS14005 - Rev 2
page 4/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com