Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERGAN65TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPERGAN65TR
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPERGAN65TR Datasheet HTML 17Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 18Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 19Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 20Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 21Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 22Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 23Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 24Page - STMicroelectronics VIPERGAN65TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Figure 25. Timing diagram of OLP protection
5.11
Output overvoltage protection
The voltage on the ZCD pin is monitored at the end of the transformer’s demagnetization, where the auxiliary
winding accurately tracks the converter output voltage and compares with an internal reference.
If the sampled voltage exceeds the OVP threshold VOVP (2.5 V typ.), an overvoltage condition is assumed.
With reference to the external configuration of Figure 1, once ROPP is fixed by feed-forward considerations (see
relevant section), it is possible to calculate the value of the ROVP resistor to activate the OVP protection for a
certain output voltage level, VOUT-OVP.
Equation 9
(9)
RFB= VOVP
NAUXNSEC∙VOUT−OVP−VOVP∙ROPP
To reduce sensitivity to external noise and prevent the protection from being erroneously activated, the OVP
comparator must be triggered for four consecutive oscillator cycles before the device is stopped.
A counter, which is reset every time the OVP comparator is not triggered in one oscillator cycle, is provided for
this purpose.
Best accuracy of OVP protection is achieved when demagnetization time is longer than 2 μs.
Once the protection is tripped, the switching is inhibited for TRESTART and VDD is recycled between VDD_RESTART
and VDD_ON by the periodical activation of the HV current source. At the end of TRESTART, switching is enabled
with soft-start at the first VDD recharge to VDD-ON. If overvoltage is still present, the protection is invoked again in
the same way, resulting in a low-frequency intermittent operation, which increases the end-product’s safety and
reliability; otherwise, the IC resumes normal operation.
The OVP protection timing diagrams are shown in Figure 26.
VIPERGAN65
Output overvoltage protection
DS14005 - Rev 2
page 21/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com