Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems ICS950402 Datasheet HTML 12Page - Integrated Circuit Systems ICS950402 Datasheet HTML 13Page - Integrated Circuit Systems ICS950402 Datasheet HTML 14Page - Integrated Circuit Systems ICS950402 Datasheet HTML 15Page - Integrated Circuit Systems ICS950402 Datasheet HTML 16Page - Integrated Circuit Systems ICS950402 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ICS950402
0700B—04/30/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.8V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +3.8 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
ESD Protection . . . . . . . . . . . . . . . . . . . . . . . . Input ESD protection usung human body model > 1KV
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
5uA
Input Low Current
IIL1
-5
uA
Input Low Current
VIL2
-200
uA
IDD3.3OP66
Max loads; Select @ 100MHz
171
IDD3.3OP133
Max loads; Select @ 133MHz
183
Power Down
PD
600
uA
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% of target
frequency
3ms
1Guaranteed by design, not 100% tested in production.
mA
Input Capacitance
1
Operating Supply Current
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com