Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950402 Datasheet HTML 1Page - Integrated Circuit Systems ICS950402 Datasheet HTML 2Page - Integrated Circuit Systems ICS950402 Datasheet HTML 3Page - Integrated Circuit Systems ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS950402
0700B—04/30/04
Block Diagram
Functionality
Pin Configuration
Recommended Application:
AMD K8 System Clock with AMD or VIA Chipset
Output Features:
2 - Differential pair push-pull CPU clocks @
3.3V
9 - PCICLK (Including 1 free running) @3.3V
4 - Selectable PCICLK/HTTCLK @3.3V
1 - 48MHz, @3.3V fixed.
1 - 24/48MHz @ 3.3V
3 - REF @3.3V, 14.318MHz.
Features:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI
control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/
write operations.
Uses external 14.318MHz crystal.
Supports Hyper Transport Technology (HTTCLK).
AMD - K8™ System Clock Chip
PLL2
PLL1
Spread
Spectrum
PCICLK (6:0, 11)
CPUCLKT (1:0)
CPUCLKC (1:0)
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
Stop
SDATA
SCLK
FS (3:0)
24_48SEL#
MODE (A,B,C)
PCI_STOP#
Control
Logic
REF (2:0)
48MHz
24_48MHz
/ 2
PCICLK_F
PCICLK/HTTCLK (3:0)
X 2
Config.
Reg.
CPU
HTT
PCI
MHz
MHz
MHz
0
0
0
0
100.90
67.27
33.63
0
0
0
1
133.90
66.95
33.48
0
0
1
0
168.00
67.20
33.60
0
0
1
1
202.00
67.33
33.67
0
1
0
0
100.20
66.80
33.40
0
1
0
1
133.50
66.75
33.38
0
1
1
0
166.70
66.68
33.34
0
1
1
1
200.40
66.80
33.40
1
0
0
0
150.00
60.00
30.00
1
0
0
1
180.00
60.00
30.00
1
0
1
0
210.00
70.00
35.00
1
0
1
1
240.00
60.00
30.00
1
1
0
0
270.00
67.50
33.75
1
1
0
1
233.33
66.67
33.33
1
1
1
0
266.67
66.67
33.33
1
1
1
1
300.00
75.00
37.50
FS3
FS2
FS1
FS0
*FS0/REF0 1
48 REF1/FS1*
VDDREF 2
47 GND
X1 3
46 VDDREF
X2 4
45 REF2/FS2*
GND 5
44 Reset#
*(PCICLK7/HTTCLK0)ModeA 6
43 VDDA
*PCICLK8/HTTCLK1/ModeB 7
42 GND
PCICLK9/HTTCLK2 8
41 CPUCLK8T0
VDDPCI 9
40 CPUCLK8C0
GND 10
39 GND
PCICLK10/HTTCLK3 11
38 VDDCPU
PCICLK11 12
37 CPUCLK8T1
PCICLK0 13
36 CPUCLK8C1
PCICLK1 14
35 VDDCPU
GND 15
34 GND
VDDPCI 16
33 GND
****PCICLK2 17
32 VDD
****PCICLK3 18
31 48MHz/FS3**
VDDPCI 19
30 GND
GND 20
29 AVDD48
PCICLK4 21
28 24_48MHz/Sel24_48#*~
PCICLK5 22
27 GND
~*PCICLK_F/ModeC 23
26 SDATA
~*(PCICLK6)PCI_STOP# 24
25 SCLK
48-Pin TSSOP/SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
~ This Output has 2X Drive Strength
**** This Output has 2.3X Drive Strength


Similar Part No. - ICS950402

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950401 ICST-ICS950401 Datasheet
108Kb / 14P
AMD - K8TM System Clock Chip
logo
Renesas Technology Corp
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YFLF-T RENESAS-ICS950401YFLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YGLF-T RENESAS-ICS950401YGLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
More results

Similar Description - ICS950402

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
logo
Renesas Technology Corp
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950405 RENESAS-ICS950405 Datasheet
351Kb / 17P
AMD - K8™ System Clock Chip
2019
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com