Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems ICS950402 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
ICS950402
0700B—04/30/04
I
2C Table: Output Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
I
2C Table: Watchdog Timer Register
Control
Function
Bit 7
WD7
RW
-
-
0
Bit 6
WD6
RW
-
-
0
Bit 5
WD5
RW
-
-
0
Bit 4
WD4
RW
-
-
1
Bit 3
WD3
RW
-
-
0
Bit 2
WD2
RW
-
-
0
Bit 1
WD1
RW
-
-
0
Bit 0
WD0
RW
-
-
0
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Control
Function
Bit 6
WDEN
Watchdog Enable
RW
Disable
Enable
0
Bit 7
WDRB
WD Alarm Status Bit
R
Normal
Alarm
X
Bit 4
WD SF4
RW
-
-
0
Bit 3
WD SF3
RW
-
-
0
Bit 2
WD SF2
RW
-
-
0
Bit 1
WD SF1
RW
-
-
0
Bit 0
WD SF0
RW
-
-
1
I
2C Table: VCO Frequency Control Register
Control
Function
Bit 7
N Div8
N Divider Bit 8
RW
-
-
X
Bit 6
M Div6
RW
-
-
X
Bit 5
M Div5
RW
-
-
X
Bit 4
M Div4
RW
-
-
X
Bit 3
M Div3
RW
-
-
X
Bit 2
M Div2
RW
-
-
X
Bit 1
M Div1
RW
-
-
X
Bit 0
M Div0
RW
-
-
X
-
-
The decimal
representation of M Div
(6:0) + 2 is equal to
reference divider value.
Default at power up =
latch-in or Byte 0 Rom
table.
-
-
-
-
-
-
RW
Disable
Byte 11
Pin #
Name
-
Type
-
-
Writing to these bit will
configure the safe
frequency as Byte0 bit
(5:1)
-
-
-
-
0
Byte 10
Pin #
Bit 7
-M/NEN
M/N Programming
Enable
Name
Type
Enable
-
-
These bits represent
X*290ms the watchdog
timer will wait before it
goes to alarm mode.
Default is 16 X 290ms
=4.64 seconds
-
-
-
-
-
-
-
-
-
-
-
PWD
-
-
-
Byte 8
Pin #
Name
1
Type
0
PWD
PWD
PWD
1
01
1
0
Type
Byte 9
Pin #
Name
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com