Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950402 Datasheet HTML 1Page - Integrated Circuit Systems ICS950402 Datasheet HTML 2Page - Integrated Circuit Systems ICS950402 Datasheet HTML 3Page - Integrated Circuit Systems ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ICS950402
0700B—04/30/04
General Description
The ICS950402 is a main system clock solution for desktop designs using the AMD K8 CPU. It provides all necessary
clock signals for Clawhammer and Sledgehammer systems.
The ICS950402 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This
part incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the
use of a serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency
setting, the output divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and
enabling/disabling each individual output clock. M/N control can configure output frequency with resolution up to
0.1MHz increment.
Power Groups
AVDD
GND
25
Crystal
29
27, 30
48MHz fixed,
32
33
Fix Analog, Fix Digital
43
42
CPU Master Clock, CPU Analog
VDD
GND
9
10
PCI33_HT66outputs
16, 19
15, 20
PCI33 outputs
35, 38
34, 39
CPU outputs
46
47
REF
Pin Number
Description
Mode Functionality Tables
ModeA
ModeB
Pin6
Pin7
Pin8
Pin11
0
0
HTTCLK0
HTTCLK1
HTTCLK2
PCICLK10
01
ModeA
(Input Only)
HTTCLK1
HTTCLK2
HTTCLK3
1
0
PCICLK7
PCICLK8
PCICLK9
PCICLK10
11
ModeA
(Input Only)
PCICLK8
PCICLK9
PCICLK10
ModeC
Pin24
0
PCICLK6
1
PCI_STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com