Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems ICS950402 Datasheet HTML 12Page - Integrated Circuit Systems ICS950402 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
ICS950402
0700B—04/30/04
I
2C Table: VCO Frequency Control Register
Control
Function
Bit 7
N Div7
RW
-
-
X
Bit 6
N Div6
RW
-
-
X
Bit 5
N Div5
RW
-
-
X
Bit 4
N Div4
RW
-
-
X
Bit 3
N Div3
RW
-
-
X
Bit 2
N Div2
RW
-
-
X
Bit 1
N Div1
RW
-
-
X
Bit 0
N Div0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Control
Function
Bit 7
SSP7
RW
-
-
X
Bit 6
SSP6
RW
-
-
X
Bit 5
SSP5
RW
-
-
X
Bit 4
SSP4
RW
-
-
X
Bit 3
SSP3
RW
-
-
X
Bit 2
SSP2
RW
-
-
X
Bit 1
SSP1
RW
-
-
X
Bit 0
SSP0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Control
Function
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
Reserved
Reserved
R
-
-
0
Bit 5
Reserved
Reserved
R
-
-
1
Bit 4
SSP12
RW
-
-
X
Bit 3
SSP11
RW
-
-
X
Bit 2
SSP10
RW
-
-
X
Bit 1
SSP9
RW
-
-
X
Bit 0
SSP8
RW
-
-
X
I
2C Table: Output Divider Control Register
Control
Function
Bit 7
PCI / HTTDiv3
RW
X
Bit 6
PCI / HTTDiv2
RW
X
Bit 5
PCI / HTTDiv1
RW
X
Bit 4
PCI / HTTDiv0
RW
X
Bit 3
CPU Div3
RW
X
Bit 2
CPU Div2
RW
X
Bit 1
CPU Div1
RW
X
Bit 0
CPU Div0
RW
X
-
CPU divider ratio can be
configured via these 4
bits individually.
See Table 2: Divider Ratio
Combination Table
-
-
-
PWD
-
PCI(9:7)/HTT(2:0) divider
ratio can be configured
via these 4 bits
individually.
See Table 2: Divider Ratio
Combination Table
-
-
-
Byte 15
Pin #
Name
Type
-
-
-
-
-
-
-
It is recommended to use
ICS Spread % table for
spread programming.
PWD
-
Byte 14
Pin #
Name
Type
-
These Spread Spectrum
bits will program the
spread pecentage. It is
recommended to use ICS
Spread % table for
spread programming.
-
-
-
-
-
-
-
Byte 13
Pin #
Name
Type
Type
-
The decimal
representation of N Div
(8:0) + 8 is equal to VCO
divider value. Default at
power up = latch-in or
Byte 0 Rom table.
-
-
-
-
-
-
-
Byte 12
Pin #
Name
0
01
1
1
PWD
PWD
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com