Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 2Page - Integrated Circuit Systems ICS950402 Datasheet HTML 3Page - Integrated Circuit Systems ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ICS950402
0700B—04/30/04
I
2C Table: Functionality and Frequency Control Register
Control
Function
Bit 7
-
Write Disable S/W
Control
RW
Disable
Enable
0
Bit 6
-
SPREAD Enable
RW
Disable
Enable
0
Bit 5
-FS4
RW
0
Bit 4
-FS3
RW
0
Bit 3
-FS2
RW
0
Bit 2
-FS1
RW
0
Bit 1
-FS0
RW
0
Bit 0
-
Write Enable S/W
Control
RW
Disable
Enable
0
I
2C Table: Output Control Register
Control
Function
Bit 7
PCICLK8/HTTCLK1
Output Control
RW
Disable
Enable
1
Bit 6
PCICLK7/HTTCLK0
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Control
Function
Bit 7
CPUT/C_1
Output Control
RW
Disable
Enable
1
Bit 6
CPUT/C_0
Output Control
RW
Disable
Enable
1
Bit 5
REF2
Output Control
RW
Disable
Enable
1
Bit 4
REF1
Output Control
RW
Disable
Enable
1
Bit 3
REF0
Output Control
RW
Disable
Enable
1
Bit 2
24_48MHz
Output Control
RW
Disable
Enable
1
Bit 1
48MHz
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK9/HTTCLK2
Output Control
RW
Disable
Enable
1
I
2C Table: PCI Free-Run Control Register
Control
Function
Bit 7
PCICLK11
PCI_STOP# Control
RW
Stoppable
Free Run
0
Bit 6
PCICLK10
PCI_STOP# Control
RW
Stoppable
Free Run
0
Bit 5
PCICLK5
PCI_STOP# Control
RW
Stoppable
Free run
0
Bit 4
PCICLK4
PCI_STOP# Control
RW
Stoppable
Free run
0
Bit 3
PCICLK3
PCI_STOP# Control
RW
Stoppable
Free run
0
Bit 2
PCICLK2
PCI_STOP# Control
RW
Stoppable
Free run
0
Bit 1
PCICLK1
PCI_STOP# Control
RW
Stoppable
Free run
0
Bit 0
PCICLK0
PCI_STOP# Control
RW
Stoppable
Free run
0
12
17
14
13
18
11
22
21
31
8
Byte 3
Pin #
1PWD
-
-
Name
Pin #
Byte 0
Type
0
-
-
-
-
-
-
45
21
Pin #
17
Byte 1
14
7
18
1
28
41/40
Byte 2
48
Pin #
PWD
0
6
22
Name
Type
1
Name
PWD
Name
1PWD
0
Type
0
1
13
37/36
Type
See Table1: Frequency
Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com