Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 3Page - Integrated Circuit Systems ICS950402 Datasheet HTML 4Page - Integrated Circuit Systems ICS950402 Datasheet HTML 5Page - Integrated Circuit Systems ICS950402 Datasheet HTML 6Page - Integrated Circuit Systems ICS950402 Datasheet HTML 7Page - Integrated Circuit Systems ICS950402 Datasheet HTML 8Page - Integrated Circuit Systems ICS950402 Datasheet HTML 9Page - Integrated Circuit Systems ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
ICS950402
0700B—04/30/04
I
2C Table: Read back and Output Control Register
Control
Function
Bit 7
PCICLK_F
Output Control
RW
Disable
Enable
1
Bit 6
PCICLK11
Output Control
RW
Disable
Enable
1
Bit 5
24_48SEL
-
R
-
-
1
Bit 4
FS3
-
R
-
-
1
Bit 3
FS2
-
R
-
-
1
Bit 2
FS1
-
R
-
-
1
Bit 1
FS0
-
R
-
-
1
Bit 0
PCICLK10/HTTCLK3
Output Control
RW
Disable
Enable
1
I
2C Table: Vendor and Revision ID Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
1
I
2C Table: Byte Count Register
Control
Function
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
I
2C Table: Output Control Register
Control
Function
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
-
-
-
-
-
-
-
Byte 7
Pin #
-
-
PWD
-
Type
Name
0
1
Writing to this register will
configure how many
bytes will be read back,
default is 0F = 15 bytes.
Name
-
-
-
-
-
-
Byte 6
Pin #
-
-
-
-
-
-
-
-
11
Byte 5
Pin #
Name
-
-
-
-
-
Name
Type
Byte 4
Pin #
23
12
PWD
Type
PWD
PWD
1
Type
0
1
REVISION ID
VENDOR ID
0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com